| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APR34309CMPTRG1 bảng dữ liệu(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
APR34309CMPTRG1 bảng dữ liệu(HTML) 2 Page - Diodes Incorporated |
|
2 / 13 page ![]() APR34309C Document number: DS37492 Rev. 5 - 2 2 of 13 www.diodes.com June 2015 © Diodes Incorporated APR34309C A Product Line of Diodes Incorporated Pin Descriptions Pin Number Pin Name Function 1 DRISR Synchronous rectification MOSFET drive. 2 VDET Synchronous rectification sense input and dynamic function output, connected to DRAIN through a resistor. 3 AREF Program a voltage reference with a resistor from AREF to GND, to enable synchronous rectification MOSFET drive signal. 4 VCC Power supply, connected with system output. 5 DRAIN Drain pin of internal MOSFET. The Drain voltage signal can obtain from this pin. 6,7,8 GND Source pin of internal MOSFET, connected to Ground. Exposed PAD DRAIN Drain pin of internal MOSFET. The secondary current should flow from GND (pin 6.7.8) to this DRAIN pad. Functional Block Diagram VREF Counter tONPDET Dynamic OSC Integrator (VDET-VCC)*tONP SRDRIVER OVP IOVP IAREF GND VDET VCC AREF DRISR DRAIN 1 2 3 4 5, EP 6,7,8 |