| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
V23832-R421-M101 bảng dữ liệu(PDF) 3 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
V23832-R421-M101 bảng dữ liệu(HTML) 3 Page - Infineon Technologies AG |
|
3 / 30 page ![]() V23832-T2131-M101 V23832-R121-M101 Pin Configuration Data Sheet 3 2003-11-19 Pin Configuration Figure 1 Pin Information Transmitter Numbering Conventions Transmitter (bottom view) J I HG F E DCBA 1 V EE DI05N DI05P DI06N DI06P DI07N DI07P DI08N DI08P V EE 2 DI04P V EE V EE V EE V EE V EE V EE V EE V EE DI09N 3 DI04N V EE Reserved Reserved t.b.l.o. t.b.l.o. Reserved Reserved V EE DI09P 4 DI01P V EE Reserved Reserved t.b.l.o. t.b.l.o. Reserved Reserved V EE DI12N 5 DI01N V EE V EE V EE t.b.l.o. t.b.l.o. V EE V EE V EE DI12P 6 DI02P V EE V EE V EE t.b.l.o. –LE V EE V EE V EE DI11N 7 DI02N V EE V EE V EE LCU LE V EE V EE V EE DI11P 8 DI03P V EE V EE V EE V IN –RESET V EE V EE V EE DI10N 9 DI03N V EE V EE V EE V CC V CC V EE V EE V EE DI10P 10 VEE V EE V EE V EE V CC V CC V EE V EE V EE V EE This edge towards MPO connector Bottom view File: 3331 Pin A10 Pin A1 |