công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECLIPSE bảng dữ liệu(PDF) 3 Page - Advanced Power Technology

tên linh kiện ECLIPSE
Giải thích chi tiết về linh kiện  direct fiber winding temperature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADPOW [Advanced Power Technology]
Trang chủ  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ECLIPSE bảng dữ liệu(HTML) 3 Page - Advanced Power Technology

  ECLIPSE Datasheet HTML 1Page - Advanced Power Technology ECLIPSE Datasheet HTML 2Page - Advanced Power Technology ECLIPSE Datasheet HTML 3Page - Advanced Power Technology ECLIPSE Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Monitor EVERYTHING related to Transformer Health,
including Dissolved Gas Analysis Data, Moisture,
Bushing Monitor Health and more. Use that data
directly in QuickMathTM equations, communicate it
back to SCADA, or simply view it through real-time
remote access via a Browser-Based GUI.
Ethernet Simultaneously Supports
DNP 3.0 or MODBUS TCP/IP
Automatic E-Mail Notifications
Secure HTML Browser-Based GUI Access for:
Data logging and Event Data
Annunciation
Settings View/Edit
File Transfer
Advanced Power Technologies
Real-Time Winding Hotspot
Permits
Real-Time Dynamic Loading
No calibration or maintenance
High dielectric strength
Fired Phosphor Tipped Fiber
Rated for use at 765 kV
Compatible with existing
Phosphor tip fiber installs
Up to
8 fiber capable
Please see the ECLIPSE DFWT
Datasheet for more details
Visualize Your Transformer’s Health
Web-Based GUI
Direct Fiber Winding Temps
Built-In Function Buttons
The
8 built-in function buttons allow
replacement of switches normally
found in the transformer control
cabinet for manual fan or tap chang-
er control
Comprehensive LTC
Condition Based Assessment
Apply:
Dual-Algorithm
LTC Condition MonitoringTM
along with
Sensorless LTC Position MonitoringTM
for comprehensive LTC Condition
Monitoring. The true value of this
feature is realized through reliable
predictive maintenance of your LTCs
Additional Communication Options
Dedicated Fiber for DNP 3.0 or MODBUS
Wired RS-485 for DNP 3.0 or MODBUS
RS-232 Serial Communications
Browser-Based Graphical User Interface
For Monitoring, Annunciation, Settings,
File Transfer, and Data Log
Ethernet



Html Pages

1 2 3 4