công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D5V0P4B2LP3713 bảng dữ liệu(PDF) 2 Page - Diodes Incorporated

tên linh kiện D5V0P4B2LP3713
Giải thích chi tiết về linh kiện  LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0P4B2LP3713 bảng dữ liệu(HTML) 2 Page - Diodes Incorporated

  D5V0P4B2LP3713 Datasheet HTML 1Page - Diodes Incorporated D5V0P4B2LP3713 Datasheet HTML 2Page - Diodes Incorporated D5V0P4B2LP3713 Datasheet HTML 3Page - Diodes Incorporated D5V0P4B2LP3713 Datasheet HTML 4Page - Diodes Incorporated D5V0P4B2LP3713 Datasheet HTML 5Page - Diodes Incorporated D5V0P4B2LP3713 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
D5V0L1B2LP3
Document number: DS35533 Rev. 8 - 2
2 of 6
www.diodes.com
April 2015
© Diodes Incorporated
D5V0L1B2LP3
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Power Dissipation
PPP
84
W
8/20µs, Per Fig. 1
Peak Pulse Current
IPP
6
A
8/20µs, Per Fig. 1
ESD Protection – Contact Discharge
VESD_Contact
±30
kV
Standard IEC 61000-4-2
ESD Protection – Air Discharge
VESD_Air
±30
kV
Standard IEC 61000-4-2
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Package Power Dissipation (Note 5)
PD
250
mW
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Standoff Voltage
VRWM
—
—
5
V
—
Channel Leakage Current (Note 6)
IRM
—
10
100
nA
VRWM = 5V
Clamping Voltage, Positive Transients
VCL
—
7.0
9.0
V
IPP = 1A, tp = 8/20µS, Figure 1
—
8.7
10.7
IPP = 3A, tp = 8/20µS, Figure 1
—
10.5
12.0
IPP = 5A, tp = 8/20µS, Figure 1
—
11.5
14.0
IPP = 6A, tp = 8/20µS, Figure 1
Breakdown Voltage
VBR
6
7
8
V
IR = 1mA
Differential Resistance
RDIF
—
0.2
—
IR = 1A, tp = 8/20µS
Channel Input Capacitance
CT
—
15
18
pF
VR = 0V, f = 1MHz
—
12.5
—
VR = 2.5V, f = 1MHz
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on our website at
http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
0
t, TIME (µs)
Figure 1 Pulse Waveform
20
40
60
100
50
0
Peak Value Ipp
Half Value I
/2
pp
8x20 Waveform
as defined by R.E.A.
10
11
12
13
14
15
16
17
18
0
1
2
3
4
5
6
V , REVERSE VOLTAGE (V)
Figure 2 Typical Total Capacitance vs. Reverse Voltage
R
f = 1MHz



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com