| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMG49037 bảng dữ liệu(PDF) 44 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TMG49037 bảng dữ liệu(HTML) 44 Page - ams AG |
|
44 / 104 page ![]() Page 44 ams Datasheet Document Feedback [v1-02] 2015-May-14 TMG4903 − Register Description IRBeam Symbol Looping Register (ISNL 0xA2) Figure 48: IRBeam Symbol Looping Register IRBeam Inter-Symbol OFF Register (ISOFF 0xA3) Figure 49: IRBeam Inter-Symbol OFF Register 76 5 4 3 2 10 ISNL Field Bits Description ISNL 7:0 IRBeam Symbol Looping. Sets the number of times that a Symbol is repeated in each Packet. A Symbol is a single IRBeam data transmission. The following equation describes the number of Symbols per Packet as a function of ISNL: nSymbol Repetitions = ISNL + 1 76 5 4 3 2 10 ISOFF Field Bits Description ISOFF 7:0 Inter-Symbol Delay Time. Defines the delay (LED OFF) between Symbols within Packets, tISDT, which can range from 4.25μs to 127.75μs. The minimum permitted register value is 8. The following equation describes the time delay as a function of ISOFF and IBT: tISDT = [(2 X ISOFF) + 1] X tIBT |