công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMG39923 bảng dữ liệu(PDF) 11 Page - ams AG

tên linh kiện TMG39923
Giải thích chi tiết về linh kiện  Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

TMG39923 bảng dữ liệu(HTML) 11 Page - ams AG

Back Button TMG39923 Datasheet HTML 7Page - ams AG TMG39923 Datasheet HTML 8Page - ams AG TMG39923 Datasheet HTML 9Page - ams AG TMG39923 Datasheet HTML 10Page - ams AG TMG39923 Datasheet HTML 11Page - ams AG TMG39923 Datasheet HTML 12Page - ams AG TMG39923 Datasheet HTML 13Page - ams AG TMG39923 Datasheet HTML 14Page - ams AG TMG39923 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 95 page
background image
ams Datasheet
Page 11
[v1-04] 2014-Oct-24
Document Feedback
TMG3992 − Electrical Characteristics
Note(s) and/or Footnote(s):
1. This parameter ensured by design and characterization and is not 100% tested.
2. Value may be as much as 1.36μs longer than specified.
3. Value is factory-adjusted to meet the Proximity response specification. Considerable variation (relative to the typical value) is possible
after adjustment. LEDBOOST increases current setting (as defined by LDRIVE or GLDRIVE). For example, if LDRIVE = 0 and
LEDBOOST = 300%, LDR current is 300mA.
4. LEDBOOST multiplies LDR current by the percentage selected.
5. Proximity offset value varies with power supply characteristics and system noise.
6. Production tested value is the average of 5 readings.
7. Correlated result by characterization. Refer to Figure 25 and Figure 26 for typical operating settings.
Proximity Offset
(no target response) (5)
PGAIN = 2 (4X)
LDRIVE = 0
LEDBOOST = 1
PPLEN = 2
PPULSE= 2 (3 pulses)
100mm X 100mm 90%
reflective Kodak Grey
Card at 100mm distance
4
counts
Relative Proximity Response (6)
PGAIN = 2 (4X)
LDRIVE = 1
LEDBOOST = 0
PPLEN = 1
PPULSE= 5 (6 pulses)
d=23mm round target
at 30mm distance
75
100
125
%
Proximity Response (7)
PGAIN = 2 (4X)
LDRIVE = 0
LEDBOOST = 1
PPLEN = 2
PPULSE= 2 (3 pulses)
100mm X 100mm 90%
reflective Kodak Grey
Card at 100mm distance
80
100
120
counts
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com