công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMD27721 bảng dữ liệu(PDF) 35 Page - ams AG

tên linh kiện TMD27721
Giải thích chi tiết về linh kiện  Digital ALS and Proximity Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

TMD27721 bảng dữ liệu(HTML) 35 Page - ams AG

Back Button TMD27721 Datasheet HTML 31Page - ams AG TMD27721 Datasheet HTML 32Page - ams AG TMD27721 Datasheet HTML 33Page - ams AG TMD27721 Datasheet HTML 34Page - ams AG TMD27721 Datasheet HTML 35Page - ams AG TMD27721 Datasheet HTML 36Page - ams AG TMD27721 Datasheet HTML 37Page - ams AG TMD27721 Datasheet HTML 38Page - ams AG TMD27721 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
ams Datasheet, Confidential
Page 35
[v1-20] 2014-Jul-21
Document Feedback
TMD2772/ TMD2772WA − Register Description
Interrupt Register (0x0C)
The Interrupt Register controls the filtering interrupt
capabilities of the device. Configurable filtering is provided to
allow interrupts to be generated after each ADC integration
cycle or if the ADC integration has produced a result that is
outside of the values specified by threshold register for some
specified amount of time. Separate filtering is provided for
proximity and ALS functions.
ALS interrupts are generated by looking only at the C0DATA
ADC integration results.
Figure 40:
Interrupt Register
76
5
4
3
2
1
0
PPERS
APERS
Field
Bits
Description (Reset value = 0x00)
PPERS
7:4
Proximity interrupt persistence filter. Controls rate of proximity interrupt to the
host processor.
Field Value
Meaning
Interrupt Persistence
0000
Every
Every proximity cycle generates an
interrupt
0001
1
1 proximity value outside of threshold
range
0010
2
2 consecutive proximity values out of
range
……
…
1111
15
15 consecutive proximity values out of
range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59