công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM3168APAP bảng dữ liệu(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCM3168APAP
Giải thích chi tiết về linh kiện  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAP bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button PCM3168APAP Datasheet HTML 25Page - Texas Instruments PCM3168APAP Datasheet HTML 26Page - Texas Instruments PCM3168APAP Datasheet HTML 27Page - Texas Instruments PCM3168APAP Datasheet HTML 28Page - Texas Instruments PCM3168APAP Datasheet HTML 29Page - Texas Instruments PCM3168APAP Datasheet HTML 30Page - Texas Instruments PCM3168APAP Datasheet HTML 31Page - Texas Instruments PCM3168APAP Datasheet HTML 32Page - Texas Instruments PCM3168APAP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
MS
MC
MDI
X
(1)
'1'
ADR6 ADR5 ADR4 ADR3 ADR2 ADR1 ADR0
Don'tCare(X)
R/
W ADR6
MDO
Hi-Z
Hi-Z
D7
D6
D5
D4
D3
D2
D1
D0
MS
MC
MDI
X
(1)
'0'
ADR6 ADR5 ADR4 ADR3 ADR2 ADR1 ADR0
D7
D6
D5
D4
D3
D2
D1
D0
X
X
R/
W ADR6
ADR6
R/W
RegisterAddress
RegisterData
ADR5
ADR4
ADR3
ADR2
ADR1
ADR0
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
9.3.11 Control Data Word Format
All single write/read operations through the serial control port use 16-bit data words. Figure 40 shows the control
data word format. The first bit is for read/write controls; 0 indicates a write operation and 1 indicates a read
operation. Following the first bit are seven other bits, labeled ADR[6:0] that set the register address for the
write/read operation. The eight least significant bits (LSBs), D[7:0] on MDI or MDO, contain the data to be written
to the register specified by ADR[6:0], or the data read from the register specified by ADR[6:0].
Figure 40. Control Data Word Format for MDI
9.3.12 Register Write Operation
Figure 41 shows the functional timing diagram for single write operations on the serial control port. MS is held at
a high state until a register must be written. To start the register write cycle, MS is set to a low state. 16 clocks
are then provided on MC, corresponding to the 16 bits of the control data word on MDI. After the 16th clock cycle
has been completed, MS is set high to latch the data into the indexed mode control register.
Also, the PCM3168A device supports multiple write operations in addition to single write operations, which can
be performed by sending the following N-times of the 8-bit register data after the first 16-bit register address and
register data while keeping the MC clocks and MS at a low state. Closing a multiple write operation can be
accomplished by setting MS to a high state.
(1) X = Don't care
Figure 41. Register Write Operation
9.3.13 Register Read Operation
Figure 42 shows the functional timing diagram for single read operations on the serial control port. MS is held at
a high state until a register must be read. To start the register read cycle, MS is set to a low state. 16 clocks are
then provided on MC, corresponding to the first eight bits of the control data word on MDI and the second eight
bits of the read-back data word from MDO. After the 16th clock cycle has been completed, MS is held high for
the next write or read operation. MDO remains in a high impedance state except during the eight MC clock
periods of the actual data transfer.
(1) X = Don't care
Figure 42. Register Read Operation
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com