công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS3955-ASWF-S2 bảng dữ liệu(PDF) 31 Page - ams AG

tên linh kiện AS3955-ASWF-S2
Giải thích chi tiết về linh kiện  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S2 bảng dữ liệu(HTML) 31 Page - ams AG

Back Button AS3955-ASWF-S2 Datasheet HTML 27Page - ams AG AS3955-ASWF-S2 Datasheet HTML 28Page - ams AG AS3955-ASWF-S2 Datasheet HTML 29Page - ams AG AS3955-ASWF-S2 Datasheet HTML 30Page - ams AG AS3955-ASWF-S2 Datasheet HTML 31Page - ams AG AS3955-ASWF-S2 Datasheet HTML 32Page - ams AG AS3955-ASWF-S2 Datasheet HTML 33Page - ams AG AS3955-ASWF-S2 Datasheet HTML 34Page - ams AG AS3955-ASWF-S2 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 111 page
background image
ams Datasheet
Page 31
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Detailed Description
Fabrication Data FAB_CFG3
Figure 32:
Fabrication Data FAB_CFG3
Note(s) and/or Footnote(s):
1. This byte can be set only during production.
Reserved Bytes
The reserved bytes belong to reserved memory areas.
OTP Blocks
Write and Read Lock blocks are OTP (One Time Programmable).
This means that once they are set to 1, they cannot be set back
to 0. Since setting OTP bits is an irreversible operation, it is
strongly recommended to perform this operation in controlled
environment.
Lock Bits
The bits of byte 2 and 3 of block 02h represent the
field-programmable read-only locking mechanism called
“static lock bytes”. They are called static because their position
in memory is fixed.
When data memory is larger than 16 blocks (64 bytes), also
“dynamic lock bytes” are required. They are located starting at
address 7Ah (4kbit version) and address 3Ah (2kbit version).
Block lock granularity is 1 block per bit for the first 16 blocks, 2
blocks per bit for the remaining blocks.
Lock bits are OTP, i.e. setting bits to 1b is an irreversible
operation. Bits at 0b can be set to 1b through a WRITE operation,
the result being a bit-wise OR with the current value.
Conf. Bit
Name
Default
Function
Note
b7
uid_crc<7>
CRC value calculated on UID
b6
uid_crc<6>
b5
uid_crc<5>
b4
uid_crc<4>
b3
uid_crc<3>
b2
uid_crc<2>
b1
uid_crc<1>
b0
uid_crc<0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com