| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS5403E-HTST bảng dữ liệu(PDF) 42 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5403E-HTST bảng dữ liệu(HTML) 42 Page - ams AG |
|
42 / 66 page ![]() Page 42 ams Datasheet Document Feedback [v1-06] 2015-Aug-28 AS5403A/D/E − Device Configuration Figure 53: EEPROM Post-Processing Gain 0x1D1 Figure 54: EEPROM Clamp Low 1 0x1D2 Figure 55: EEPROM Clamp High 1 0x1D3 Figure 56: EEPROM Clamp Low 2 and Clamp High 2 (LSBs) 0x1F5 Register Hex Access Bit Function Default Note 0x1D1 R/W D15 (MSB) Post processing gain +1 decimal Signed integer [-4;4] : D0 (LSB) Register Hex Access Bit Function Default Note 0x1D2 R/W D15 (MSB) Clamp Low 1 -32768 decimal Signed integer [-32768;32767] : D0 (LSB) Register Hex Access Bit Function Default Note 0x1D3 R/W D15 (MSB) Clamp High 1 32767 decimal Signed integer [-32768;32767] : D0 (LSB) Register Hex Access Bit Function Default Note 0x1F5 R/W D15 (MSB) Clamp High 2 (LSBs) 0 Clamp High 2 (LSBs) value for PWM and analog output. DSW not effected. 4 lower LSBs [0;16] :: D12 0 D11 Clamp Low 2 0 Clamp Low 2 value for PWM and analog output. DSW not effected. 12 bit unsigned value [0;4096] :: D0 (LSB) 0 |