| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS5147P bảng dữ liệu(PDF) 19 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5147P bảng dữ liệu(HTML) 19 Page - ams AG |
|
19 / 40 page ![]() ams Datasheet Page 19 [v1-01] 2015-May-12 Document Feedback AS5147P − Detailed Description Figure 28: ZPOSL (0x0017) Figure 29: SETTINGS1 (0x0018) Name Read/Write/Program Bit Position Description ZPOSL R/W/P 5:0 6 least significant bits of the zero position comp_l_error_en R/W/P 6 This bit enables the contribution of MAGH (Magnetic field strength too high) to the system_error comp_h_error_en R/W/P 7 This bit enables the contribution of MAGL (Magnetic field strength too low) to the system_error Name Read/Write/Program Bit Position Description IWIDTH R/W/P 0 Width of the index pulse I (0 = 3LSB, 1 = 1LSB) NOISESET R/W/P 1 Noise setting DIR R/W/P 2 Rotation direction UVW_ABI R/W/P 3 Defines the PWM Output (0 = ABI is operating, W is used as PWM 1 = UVW is operating, I is used as PWM) DAECDIS R/W/P 4 Disable Dynamic Angle Error Compensation (0 = DAE compensation ON, 1 = DAE compensation OFF) Dataselect R/W/P 6 This bit defines which data can be read form address 16383dec (3FFFhex). 0->DAECANG 1->CORDICANG PWMon R/W/P 7 enables PWM (setting of UVW_ABI Bit necessary) |