công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS3649 bảng dữ liệu(PDF) 3 Page - ams AG

tên linh kiện AS3649
Giải thích chi tiết về linh kiện  2500mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS3649 bảng dữ liệu(HTML) 3 Page - ams AG

  AS3649 Datasheet HTML 1Page - ams AG AS3649 Datasheet HTML 2Page - ams AG AS3649 Datasheet HTML 3Page - ams AG AS3649 Datasheet HTML 4Page - ams AG AS3649 Datasheet HTML 5Page - ams AG AS3649 Datasheet HTML 6Page - ams AG AS3649 Datasheet HTML 7Page - ams AG AS3649 Datasheet HTML 8Page - ams AG AS3649 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
AS3649
Datasheet - Pin Assignm ents
www.ams.com/AS3649
1.0-2
3 - 39
C3
SCL
serial clock input for I
2C interface
C4
SDA
serial data input/output for I
2C interface (needs external pullup resistor)
D1
LED_OUT2
Flash LED current source
D2
LED_OUT1
Flash LED current source
D3
AGND
Analog ground; make a short connection between all GND balls
D4
STROBE
Digital input with pulldown to control strobe time for flash function
1. Final pinout subject to change - now only used to count number of pins
Table 1. Pin Description for AS3649
Pin Number
1
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39