công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS3630 bảng dữ liệu(PDF) 29 Page - ams AG

tên linh kiện AS3630
Giải thích chi tiết về linh kiện  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS3630 bảng dữ liệu(HTML) 29 Page - ams AG

Back Button AS3630 Datasheet HTML 25Page - ams AG AS3630 Datasheet HTML 26Page - ams AG AS3630 Datasheet HTML 27Page - ams AG AS3630 Datasheet HTML 28Page - ams AG AS3630 Datasheet HTML 29Page - ams AG AS3630 Datasheet HTML 30Page - ams AG AS3630 Datasheet HTML 31Page - ams AG AS3630 Datasheet HTML 32Page - ams AG AS3630 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 29
Balancing Circuit - Pin BAL
Figure AS3630 – 24:
Balancing Circuit
The internal balancing circuit (Figure 24) keeps the voltage
between VSUPERCAP-BAL to BAL-GND equal in order to avoid
overvoltage on one of the capacitors inside the Supercap. It is
powered from VSUPERCAP, therefore it can operate even if there
is no voltage on VIN.
The Supercap balancing circuit is active in pre-charge,
transition, charge, keep charge and discharge. It can be forced
on in flash and shutdown if bal_force_on is set.


  
 
  
 
!

"  
#$
#$
%&'#  #$(
(' #(#
)$!(#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72