| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM431ACM bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM431ACM bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 32 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 5-Nov-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM431ACM NRND SOIC D 8 95 TBD Call TI Call TI 0 to 70 LM431 ACM LM431ACM/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 70 LM431 ACM LM431ACM3/NOPB ACTIVE SOT-23 DBZ 3 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 70 N1F LM431ACM3X NRND SOT-23 DBZ 3 3000 TBD Call TI Call TI 0 to 70 N1F LM431ACM3X/NOPB ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 70 N1F LM431ACMX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 70 LM431 ACM LM431ACZ/LFT3 ACTIVE TO-92 LP 3 2000 Green (RoHS & no Sb/Br) CU SN N / A for Pkg Type LM431 ACZ LM431ACZ/LFT4 ACTIVE TO-92 LP 3 2000 Green (RoHS & no Sb/Br) CU SN N / A for Pkg Type LM431 ACZ LM431ACZ/NOPB ACTIVE TO-92 LP 3 1800 Green (RoHS & no Sb/Br) CU SN N / A for Pkg Type 0 to 70 LM431 ACZ LM431AIM NRND SOIC D 8 95 TBD Call TI Call TI -40 to 85 LM431 AIM LM431AIM/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LM431 AIM LM431AIM3 NRND SOT-23 DBZ 3 1000 TBD Call TI Call TI -40 to 85 N1E LM431AIM3/NOPB ACTIVE SOT-23 DBZ 3 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 N1E LM431AIM3X/NOPB ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 N1E LM431AIMX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LM431 AIM LM431AIZ/LFT1 ACTIVE TO-92 LP 3 2000 Green (RoHS & no Sb/Br) CU SN N / A for Pkg Type LM431 AIZ LM431AIZ/NOPB ACTIVE TO-92 LP 3 1800 Green (RoHS & no Sb/Br) CU SN N / A for Pkg Type -40 to 85 LM431 AIZ LM431BCM/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 70 431 BCM |