| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PP001071 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PP001071 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 3 page ![]() www.element14.com www.farnell.com www.newark.com www.cpc.co.uk Page <2> V1.1 23/09/15 NYY-J Unshielded Multicore FR-PVC Power and Control Cable Dimensions: Part Number No. of Cores Nominal Cross Sectional Area mm² Nominal Thickness of Insulation mm Nominal Thickness of Sheath mm Nominal Overall Diameter mm Nominal Weight kg/km PP001064 3 1.5 0.8 1.8 10.4 166 PP001065 2.5 0.8 11.3 212 PP001066 4 1 13.1 299 PP001067 4 1.5 0.8 11.6 198 PP001068 2.5 0.8 12.1 252 PP001069 4 1 14 355 PP001070 6 1 15.4 465 PP001071 5 1.5 0.8 12 232 PP001072 2.5 0.8 13.1 302 PP001073 4 1 15.2 428 Conductors Class 1 Solid Conductors for Multi-Core Cables Nominal Cross Sectional Area mm² Max. Resistance of Conductor at 20ºC Circular, Annealed Copper Conductor Plain Wires Ω / km 1.5 12.1 2.5 7.41 4 4.61 6 3.08 Electrical Characteristics: Current Carrying Capacity No. of Cores Nominal Cross Sectional Area mm² Current Carrying Capacity In Duct Amps In Air Amps 3 1.5 26 18 2.5 34 25 4 44 34 |