công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPSD3312DV bảng dữ liệu(PDF) 18 Page - STMicroelectronics

tên linh kiện UPSD3312DV
Giải thích chi tiết về linh kiện  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312DV bảng dữ liệu(HTML) 18 Page - STMicroelectronics

Back Button UPSD3312DV Datasheet HTML 14Page - STMicroelectronics UPSD3312DV Datasheet HTML 15Page - STMicroelectronics UPSD3312DV Datasheet HTML 16Page - STMicroelectronics UPSD3312DV Datasheet HTML 17Page - STMicroelectronics UPSD3312DV Datasheet HTML 18Page - STMicroelectronics UPSD3312DV Datasheet HTML 19Page - STMicroelectronics UPSD3312DV Datasheet HTML 20Page - STMicroelectronics UPSD3312DV Datasheet HTML 21Page - STMicroelectronics UPSD3312DV Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Description
UPSD33xx
18/272
Doc ID 9685 Rev 7
1
Description
The Turbo UPSD33xx series combines a powerful 8051-based microcontroller with a flexible
memory structure, programmable logic, and a rich peripheral mix to form an ideal
embedded controller. At its core is a fast 4-cycle 8032 MCU with a 6-byte instruction
prefetch queue (PFQ) and a 4-entry fully associative branching cache (BC) to maximize
MCU performance, enabling loops of code in smaller localities to execute extremely fast.
Code development is easily managed without a hardware in-circuit emulator by using the
serial JTAG debug interface. JTAG is also used for in-system programming (ISP) in as little
as 10 seconds, perfect for manufacturing and lab development. The 8032 core is coupled to
programmable system device (PSD) architecture to optimize the 8032 memory structure,
offering two independent banks of Flash memory that can be placed at virtually any address
within 8032 program or data address space, and easily paged beyond 64 Kbytes using on-
chip programmable decode logic. Dual Flash memory banks provide a robust solution for
remote product updates in the field through in-application programming (IAP). Dual Flash
banks also support EEPROM emulation, eliminating the need for external EEPROM chips.
General purpose programmable logic (PLD) is included to build an endless variety of glue-
logic, saving external logic devices. The PLD is configured using the software development
tool, PSDsoft™ Express, available from the web at www.st.com, at no charge. The
UPSD33xx also includes supervisor functions such as a programmable watchdog timer and
low-voltage reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com