| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM339ADE4 bảng dữ liệu(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM339ADE4 bảng dữ liệu(HTML) 16 Page - Texas Instruments |
|
16 / 37 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 1-Jan-2016 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM139AJB ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8773901CA LM139AJB LM139AN OBSOLETE PDIP N 14 TBD Call TI Call TI -55 to 125 LM139AW ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 LM139AW LM139AWB ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8773901DA LM139AWB LM139D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 LM139 LM139DG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 LM139 LM139DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 LM139 LM139DRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 LM139 LM139FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 LM139FK LM139FKB ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 77008012A LM139FKB LM139J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 LM139J LM139JB ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 7700801CA LM139JB LM139N OBSOLETE PDIP N 14 TBD Call TI Call TI -55 to 125 LM139W ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 LM139W LM139WB ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 7700801DA LM139WB LM239AD ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -25 to 85 LM239A LM239ADE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -25 to 85 LM239A LM239ADG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -25 to 85 LM239A LM239ADR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -25 to 85 LM239A |