| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM393DGKRG4 bảng dữ liệu(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM393DGKRG4 bảng dữ liệu(HTML) 17 Page - Texas Instruments |
|
17 / 25 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 18-Dec-2015 Addendum-Page 4 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM293DRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -25 to 85 LM293 LM293P ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU | CU SN N / A for Pkg Type -25 to 85 LM293P LM293PE4 ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -25 to 85 LM293P LM393AD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LM393A LM393ADE4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LM393A LM393ADG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LM393A LM393ADGKR ACTIVE VSSOP DGK 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU | CU NIPDAUAG Level-1-260C-UNLIM 0 to 70 (M8P ~ M8S ~ M8U) LM393ADGKRG4 ACTIVE VSSOP DGK 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 (M8P ~ M8S ~ M8U) LM393ADR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM 0 to 70 LM393A LM393ADRE4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LM393A LM393ADRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LM393A LM393AP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU | CU SN N / A for Pkg Type 0 to 70 LM393AP LM393APE4 ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 LM393AP LM393APSR ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 L393A LM393APSRE4 ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 L393A LM393APSRG4 ACTIVE SO PS 8 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 L393A LM393APWLE OBSOLETE TSSOP PW 8 TBD Call TI Call TI 0 to 70 LM393APWR ACTIVE TSSOP PW 8 2000 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM 0 to 70 L393A |