| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV331M7/NOPB bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMV331M7/NOPB bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 38 page ![]() LMV331-N, LMV339-N, LMV393-N www.ti.com SNOS018H – AUGUST 1999 – REVISED DECEMBER 2014 Application Information (continued) Figure 14. ORing the Outputs 8.1.4 Driving CMOS and TTL The output of the comparator is capable of driving CMOS and TTL Logic circuits. The pull-up resistor may be pulled-up to any voltage equal to, or less than the supply voltage on V+. However, it must not be pulled-up to a voltage higher than V+. Figure 15. Driving CMOS Copyright © 1999–2014, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Links: LMV331-N LMV339-N LMV393-N |