| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TF65 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
TF65 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 8 page ![]() 2 - 2CDC106069D0201 Functional description 1 2 3 4 5 6 7 8 9 1 Terminals 1L1, 3L2, 5L3 2 Sealable operating elements 3 Current setting range Adjustable current setting for overload protection 4 TEST Status indication 5 RESET Automatic or manual reset selectable 6 Signaling contacts 97-98 7 Terminals 2T1, 4T2, 6T3 8 Tripping contacts 95-96 9 STOP Application / internal function The thermal overload relays are three pole relays with bimetal tripping elements (1 per pole). The motor current flows through the bimetal tripping elements and heats them directly and indirectly. In case of an overload (over current), the bimetal elements become bent as a result of the heating. This leads to a release of the relay and a change of the contacts switching position (95-96 / 97-98). The contact 95-96 is used to control the load contactor. The overload relays have a setting scale in Amperes, which allows the direct adjusting of the relay without any additional calculation. In compliance with international and national standards, the setting current is the rated current of the motor and not the tripping current (no tripping at 1.05 x I, tripping at 1.2 x I; I = setting current). The relays are constructed in way that they protect themselves in the event of an overload. The overload relay has to be protected against short-circuit. The appropriate short-circuit protective devices are shown in the table. Operation mode 3~ 1~ Contact 95-96 Contact 97-98 Status indication Comment Trip state open closed RESET state closed open ON TEST manual reset mode open closed TEST auto reset mode open closed while TEST is operated STOP while device is in trip state open closed STOP button has no function STOP while device is in RESET state open open while STOP button is pressed Wiring diagram 97 95 98 96 2T1 4T2 6T3 RESET A M TEST STOP |