| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NS-SERIES bảng dữ liệu(PDF) 21 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
NS-SERIES bảng dữ liệu(HTML) 21 Page - Omron Electronics LLC |
|
21 / 22 page ![]() 21 “Cool” Objects Backgrounds, buttons, labels, message boxes, and other objects are also provided for various themes. Aluminum Water Lighting Game Dot Metal Metalplate NS Screen Templates The CX-Designer of version 3.5 or higher provides the palette to display objects and templates (scheduled for auto update in August 2012). Refer to the next page for details of the palette. Palette Easy Reading from Palette Address Setting Dialog Box CLEAN METAL NATURAL POP (default) Even Simpler Templates can be read into the screen by just dragging and dropping thumbnails displayed on the palette. The template consisting of multiple screens allows multiple screens to be read by dragging and dropping it once. The Address Setting Dialog Box that is displayed to read templates is useful for changing addresses all at once. Even More Beautiful The refined templates enable you to use the NS Series with the screens that have a sense of unity in design. Three different types of templates besides default screens are provided. The design can be changed easily with "Theme Name" that is displayed when dragging and dropping. Drag & Drop NE W |