| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OTPL40FP bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
OTPL40FP bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 16 page ![]() Enclosed switches - eOT | 3 Outstanding features – cUL approval, UL508 and 98 Listed – Suitable as motor disconnect – Horsepower rated – Touch safe construction – Positive operation – Clear position indication – Self lifting tunnel terminals – Extremely compact size – Accessories – 4th power pole – Snap-on auxiliary contacts Cutting edge design and technology. eOT ensures reliable switching time after time. Clean and simple installation Plastic and Type 1 enclosures have conduit knockouts provided on the top and bottom of the enclosure. Plastic enclosures have a metallic base plate that electrically bonds together all conduit hubs installed in the top and bottom of the enclosure - additional conduit bonding jumpers are not required. Plastic enclosure installs flush on mounting surface, reducing the accu- mulation of dirt behind the enclosure. Sealed enclosure cover is water tight, suitable for hose-down environments (Type 4X version only). |