| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H7CX-R11-N bảng dữ liệu(PDF) 20 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CX-R11-N bảng dữ liệu(HTML) 20 Page - Omron Electronics LLC |
|
20 / 56 page ![]() 20 H7CX-A @-N Counter Operation in Run Mode I/O Functions for Counter Operation Present value Set value 1 Present value Set value Present value Set value 2 Present value Set value Batch count value Batch count set value Present value 1 Set value 1 Present value 2 Set value 2 Present value Set value Total count value Dual count value Dual count set value CP1 present value CP2 present value Present value Set value Present value Forecast Set Value Total and Preset Counter Batch Counter Dual Counter Twin Counter • Set values for each digit as required using the U (D) Keys. (U Key only for 6-digit models.) 1-stage Preset Counter 2-stage Preset Counter with Absolute Value Setting • Present Value Shows the present count value. • Set Values (Set Value 1 and Set Value 2) Set the set values. When the present value reaches the set value (set value 1 or set value 2), a signal is output according to the specified output mode. • Present Value/Set Value Same as 1-stage preset counter. • Total Count Value Shows the present total count value. • Present Value/Set Value Same as 1-stage preset counter. • Batch Count Value Shows the number of times the count has been completed for the present value. • Batch Count Set Value Set the batch count set value. When the batch count value reaches the batch count set value, batch output (OUT1) turns ON. • Dual Count Value Shows the sum of the CP1 present value and CP2 present value when the dual count calculating mode is ADD and shows the value obtained by subtracting the CP2 present value from the CP1 present value when the dual count calculating mode is SUB. • Dual Count Set Value Set the dual count set value. When the dual count value reaches the dual count set value, signals are output according to the specified output mode. • CP1/CP2 Present Value Show the present count values for CP1 and CP2 present values respectively. • Present Values 1 and 2 Shows the present count value 1 or 2. • Set Values 1 and 2 Setting for present value 1 or 2. • Present Value Shows the present count value. • Set Values Set the set values. • Forecast Set Value Set the deviation for the set value. 2-stage Preset Counter with Forecast Value Setting |