| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMP7701MA/NOPB bảng dữ liệu(PDF) 33 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMP7701MA/NOPB bảng dữ liệu(HTML) 33 Page - Texas Instruments |
|
33 / 44 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 5-Oct-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LMP7701MA/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM LMP77 01MA LMP7701MAX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM LMP77 01MA LMP7701MF NRND SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 AC2A LMP7701MF/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AC2A LMP7701MFX NRND SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 125 AC2A LMP7701MFX/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AC2A LMP7702MA/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM LMP77 02MA LMP7702MAX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM LMP77 02MA LMP7702MM NRND VSSOP DGK 8 1000 TBD Call TI Call TI -40 to 125 AA3A LMP7702MM/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AA3A LMP7702MMX/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AA3A LMP7704MA/NOPB ACTIVE SOIC D 14 55 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM LMP7704 MA LMP7704MAX/NOPB ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM LMP7704 MA LMP7704MT NRND TSSOP PW 14 94 TBD Call TI Call TI -40 to 125 LMP77 04MT LMP7704MT/NOPB ACTIVE TSSOP PW 14 94 Pb-Free (RoHS) CU SN Level-1-260C-UNLIM -40 to 125 LMP77 04MT LMP7704MTX/NOPB ACTIVE TSSOP PW 14 2500 Pb-Free (RoHS) CU SN Level-1-260C-UNLIM -40 to 125 LMP77 04MT (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. |