| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP06A bảng dữ liệu(PDF) 4 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
MSP06A bảng dữ liệu(HTML) 4 Page - Vishay Siliconix |
|
4 / 4 page ![]() www.vishay.com 41 MSP Vishay Dale Document Number: 31510 Revision 25-Oct-00 For Technical Questions, contact: ff2aresistors@vishay.com Thick Film Resistor Networks, Single-In-Line, Molded SIP MSP10A Package MSP08A Package MSP06A Package Single Resistor 03 01 and 05 MSP10A 1.25 watts MSP09A 1.12 watts MSP08A 1.00 watts MSP06A 0.75 watts Derating "A" PROFILE + 70 °C PACKAGE RATINGS Higher power ratings available. Contact factory. MSP10C 1.60 watts MSP08C 1.30 watts MSP06C 1.00 watts "C" PROFILE + 70 °C PACKAGE RATINGS "A" Profile TEST Power Conditioning Thermal Shock Short Time Overload Low Temperature Operation Moisture Resistance Resistance to Soldering Heat Shock Vibration Load Life Terminal Strength Insulation Resistance Dielectric Withstanding Voltage MAX. ∆R (Typical Test Lots) ± 0.50% ∆R ± 0.50% ∆R ± 0.25% ∆R ± 0.25% ∆R ± 0.50% ∆R ± 0.25% ∆R ± 0.25% ∆R ± 0.25% ∆R ± 1.00% ∆R ± 0.25% ∆R — — CONDITIONS 1.5 x rated power, applied 1.5 hours “ON” and 0.5 hour “OFF” for 100 hours ± 4 hours at + 25°C ambient temperature 5 cycles between - 65 °C and + 125°C 2.5 x rated working voltage 5 seconds 45 minutes at full rated working voltage at - 65 °C 240 hours with humidity ranging from 80% RH to 98% RH Leads immersed in + 260 °C solder to within 1/16" of device body for 10 seconds Total of 18 shocks at 100 G's 12 hours at maximum of 20 G's between 10 and 2,000 HZ 1000 hours at + 70 °C, rated power applied 1.5 hours “ON”, 0.5 hour “OFF” for full 1,000 hour period. Derated according to the curve. 4.5 pound pull for 30 seconds 10,000 Megohm (minimum) PERFORMANCE Ambient Temperature °C - 50 + 25 + 70 + 125 + 150 3.00 1.50 1.15 .30 .45 Derating 3.00 2.50 2.00 1.50 .60 .38 01 and 05 Single Resistor 03 MSP06C Package MSP08C Package MSP10C Package "C" Profile - 50 + 25 + 70 + 125 + 150 Ambient Temperature °C |