công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C320PC6 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện C320PC6
Giải thích chi tiết về linh kiện  IEC Contactors & Starters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

C320PC6 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  C320PC6 Datasheet HTML 1Page - List of Unclassifed Manufacturers C320PC6 Datasheet HTML 2Page - List of Unclassifed Manufacturers C320PC6 Datasheet HTML 3Page - List of Unclassifed Manufacturers C320PC6 Datasheet HTML 4Page - List of Unclassifed Manufacturers C320PC6 Datasheet HTML 5Page - List of Unclassifed Manufacturers C320PC6 Datasheet HTML 6Page - List of Unclassifed Manufacturers C320PC6 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
March 2008
34-316
For more information visit: www.eaton.com
CA08102001E
IEC Contactors & Starters
34
Freedom
Accessories
Remote Reset Module
(32A Overload Relay)
The C316RR remote reset module for
the C316F, C316S and C316U overload
relays allows remote resetting of
tripped (32A) overload relays by
means of an electrical solenoid attach-
ment which mounts on the side of the
overload relay.
Table 34-402. Product Selection
Metal Mounting Plates
Table 34-403. For Use on IEC Style Contactors,
Starters and Overload Relays
For use with DIN rail and base mounting
adapters listed on Page 34-309.
Remote Reset Module
Operating Voltage
Catalog
Number
Price
U.S. $
24V 50/60 Hz
110V 50/60 Hz
C316RR1U
C316RR1A
Application
Catalog
Number
Price
U.S. $
Contactors
IEC Sizes A – F
IEC Sizes G – K
C321MP1
C321MP2
Non-reversing Starters
IEC Sizes A – F
IEC Sizes G – K
C321MP3
C321MP4
Overload Relays
32A
75A
C321MP5
C321MP6
Reversing Starters
IEC Sizes A – F
IEC Sizes G – K
IEC Sizes L – N
C321MP7
C321MP12
C321MP11
Reversing Contactors
IEC Sizes A – F
IEC Sizes G – K
IEC Sizes L – N
C321MP8
C321MP9
C321MP13
Table 34-404. Metal Mounting Plates — Approximate Dimensions and Shipping Weights
2-hole mounting.
3-hole mounting.
3-Pole Top Mounted Fuse Block Kit
IEC Sizes A – K, NEMA Sizes 00 – 2
Field mount to Freedom Series starters
and contactors. Designed to save
space and reduce installation costs.
They provide short circuit protection
for branch circuits.
Table 34-405. Selection Product
Type M fuse block not approved for branch circuit protection.
Catalog
Number
Dimensions in Inches (mm)
Ship
Wt.
Lbs. (kg)
Wide
High
Mounting
C321MP1
C321MP2
C321MP3
C321MP4
C321MP5
2.00 (50.8)
2.56 (65.0)
1.80 (45.7)
2.56 (65.0)
1.77 (45.0)
3.88 (98.6)
5.05 (128.3)
6.60 (167.6)
8.08 (205.2)
4.63 (117.6)
1.50 x 3.38 (38.1 x 85.9)
2.00 x 4.50 (50.8 x 114.3)
6.07 (154.2)
2.00 x 7.63 (50.8 x 193.8)
4.27 (108.5)
.2 (.1)
.4 (.2)
.7 (.3)
.6 (.3)
.3 (.1)
C321MP6
C321MP7
C321MP8
C321MP9
2.52 (64.0)
4.20 (106.7)
4.20 (106.7)
5.66 (143.8)
5.14 (130.6)
7.38 (187.5)
4.35 (110.5)
5.05 (128.3)
2.00 x 4.59 (50.8 x 116.6)
3.50 x 6.87 (88.9 x 174.5)
3.50 x 3.86 (88.9 x 98.0)
5.25 x 3.63 (133.4 x 92.2)
.4 (.2)
.8 (.4)
.5 (.2)
.8 (.4)
C321MP11
C321MP12
C321MP13
8.70 (221.0)
5.71 (145.0)
8.70 (221.0)
11.35 (288.3)
8.08 (205.2)
7.17 (182.1)
7.00 x 10.81 (177.8 x 274.6)
5.25 x 6.75 (133.4 x 171.5)
7.00 x 6.63 (177.8 x 168.4)
1.2 (.5)
.9 (.4)
.9 (.4)
Fuse Type
Catalog
Number
Price
U.S. $
Class H
Class R
—
—
30A 250V
30A 250V
C350KH21
C350KR21
Class G
Class G
Class G
Class G
—
—
—
—
15A 300V
20A 300V
30A 300V
60A 300V
C350KG37
C350KG38
C350KG31
C350KG32
Class T
Class T
—
—
30A 300V
60A 300V
C350KT31
C350KT32
Class J
Class J
Type M
Class CC
—
—
—
—
30A 600V
60A 600V
30A 600V
30A 600V
C350KJ61
C350KJ62
C350KM61
C350KC63
Class T
Class T
—
—
30A 600V
60A 600V
C350KT61
C350KT62
Discount Symbol (Remote Reset). . . . . . . . . 1CD7
Discount Symbol (Mounting Plates) . . . . . . 1CD1C



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com