công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C320PC4 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện C320PC4
Giải thích chi tiết về linh kiện  IEC Contactors & Starters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

C320PC4 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

  C320PC4 Datasheet HTML 1Page - List of Unclassifed Manufacturers C320PC4 Datasheet HTML 2Page - List of Unclassifed Manufacturers C320PC4 Datasheet HTML 3Page - List of Unclassifed Manufacturers C320PC4 Datasheet HTML 4Page - List of Unclassifed Manufacturers C320PC4 Datasheet HTML 5Page - List of Unclassifed Manufacturers C320PC4 Datasheet HTML 6Page - List of Unclassifed Manufacturers C320PC4 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
March 2008
34-318
For more information visit: www.eaton.com
CA08102001E
IEC Contactors & Starters
34
Freedom
Accessories
Locking Cover for Overload Relay — C306 Only
Snap-on transparent or opaque plastic panel for covering access port to the over-
load relay trip setting dial — helps prevent accidental or unauthorized changes to
trip and reset setting.
Table 34-412. Product Selection
Control Circuit Fuse Block
These panel mounted
fuse holders, designed
for control circuit protec-
tion or other similar low
current requirements,
have extractor type fuse
caps. The Class CC rejection type fuses
(KTK-R) used in these holders are
intended for use with equipment
designated as being suitable for use
on systems having high available fault
currents. If branch circuit protective
device is 45A or greater, C320FBR fuse
kit may be required for control circuit
protection per NEC 430-72.
Table 34-413. Product Selection
A fuse is not supplied, but holder will
accept a Bussman Type KTK or KTK-R
(13/32" x 1-1/2") fuse, 600V maximum.
Includes a 5A, 600V KTK-R fuse.
DIN Rail Mounting Channel —
35 mm
Designed for DIN rail mounting of IEC
style contactors and starters.
DIN Rail
Table 34-414. Product Selection
Finger Protection Shields
Snap-on shields for both contactors
and starters provide IEC Type IP20
Finger Protection. Prevents accidental
contact with line/load terminals.
Table 34-415. Product Selection
Adapter to DIN Rail Mount
NEMA 1 – 2 and IEC G – K Contactors
Designed to allow DIN rail mounting of
NEMA 1 – 2 and IEC G – K contactors.
Includes all hardware required to con-
vert contactors from panel mounting
to 35 mm DIN rail mounting.
Table 34-416. Product Selection
Description
Min. Ordering
Qty. (Std. Pkg.)
Catalog
Number
Price
U.S. $
Clear cover, no accessibility
50
C320PC3
Gray cover, no accessibility, with Auto
only nib
50
C320PC4
Gray cover, no accessibility, with Manual
only nib
50
C320PC5
Gray cover with FLA dial accessibility,
A, B, C, D positions an Auto only nib
50
C320PC6
Gray cover with FLA dial accessibility,
A, B, C, D positions and Manual only nib
50
C320PC7
Type
Max.
Amperes
Catalog
Number
Price
U.S. $
Fuse Holder
Only
15
30
C320FB
C320FBR
Description
Catalog
Number
Price
U.S. $
1 Meter Length
MC382MA1
Application
Catalog
Number
Price
U.S. $
NEMA Size 00,
IEC Sizes A – C
NEMA Size 0,
IEC Sizes D – F
C320LS1
C320LS2
NEMA Sizes 1 – 2,
IEC Sizes G – K
Contactors
Reversing Contactors
C320LS3
C320LS4
NEMA Size 1
Starters
Reversing Starters
C320LS5
C320LS6
NEMA Size 2,
IEC Sizes G – K
Starters
Reversing Starters
C320LS7
C320LS8
Catalog
Number
Price
U.S. $
C320DN65
Transient Suppressor Kits
NEMA Sizes 00 – 2, IEC Sizes A – K
These kits limit high
voltage transients pro-
duced in the control
circuit when power is
removed from the con-
tactor or starter coil.
There are three sepa-
rate suppressors for
use on 24 – 120V, 208 –
240V or 277 – 480V coils
respectively.
These devices mount directly to the
coil terminals of Freedom Series con-
tactors or starters NEMA Sizes 00 – 2,
IEC Sizes A – K and lighting contactors
10 – 60A. Reversing devices will
require two.
Table 34-417. Product Selection
Suppressor is compatible with coil voltages/
ranges as shown, 50 and 60 Hz.
NEMA Sizes 3 – 5, IEC Sizes L – S
This device mounts on
top of any side mounted
auxiliary contact on
Freedom Series NEMA
Sizes 3 – 5, IEC Sizes
L – S and lighting con-
tactors 100 – 300A. It connects across
coil terminals on any 120V contactor
or starter magnet coil (reversing start-
ers or contactors require 2).
Limits high voltage transients pro-
duced in the circuit when power is
removed from the coil.
Table 34-418. Product Selection
Description
Coil Voltage
50/60 Hz
Catalog
Number
Price
U.S. $
Transient
Suppressor
24 – 120V
208 – 240V
277 – 480V
C320TS1
C320TS2
C320TS3
Description
Coil
Voltage
Catalog
Number
Price
U.S. $
Transient
Suppressor
120V
C320AS1
Discount Symbol . . . . . . . . . . . . . . . . . . . . . . . 1CD1C
Cat. No.
C320TS2



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com