công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMTH6010LPSQ bảng dữ liệu(PDF) 2 Page - Diodes Incorporated

tên linh kiện DMTH6010LPSQ
Giải thích chi tiết về linh kiện  60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6010LPSQ bảng dữ liệu(HTML) 2 Page - Diodes Incorporated

  DMTH6010LPSQ Datasheet HTML 1Page - Diodes Incorporated DMTH6010LPSQ Datasheet HTML 2Page - Diodes Incorporated DMTH6010LPSQ Datasheet HTML 3Page - Diodes Incorporated DMTH6010LPSQ Datasheet HTML 4Page - Diodes Incorporated DMTH6010LPSQ Datasheet HTML 5Page - Diodes Incorporated DMTH6010LPSQ Datasheet HTML 6Page - Diodes Incorporated DMTH6010LPSQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMTH6010LPSQ
Document number: DS38161 Rev. 1 - 2
2 of 7
www.diodes.com
November 2015
© Diodes Incorporated
DMTH6010LPSQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6)
TA = +25°C
TA = +70°C
ID
13.5
10.4
A
Continuous Drain Current (Note 7)
TC = +25°C
(Note 9)
ID
100
A
TC = +100°C
75
Maximum Continuous Body Diode Forward Current (Note 7)
IS
100
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
140
A
Avalanche Current, L=0.1mH
IAS
20
A
Avalanche Energy, L=0.1mH
EAS
20
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.6
W
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
57
°C/W
Total Power Dissipation (Note 7)
TC = +25°C
PD
136
W
Thermal Resistance, Junction to Case (Note 7)
RθJC
1.1
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
60
—
—
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
—
—
1
μA
VDS = 48V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
1
—
3
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
6.4
8
m
Ω
VGS = 10V, ID = 20A
—
8.3
12
VGS = 4.5V, ID = 20A
Diode Forward Voltage
VSD
—
0.8
1.2
V
VGS = 0V, IS = 20A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
—
2,090
—
pF
VDS = 30V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
—
746
—
Reverse Transfer Capacitance
Crss
—
38.5
—
Gate Resistance
Rg
0.2
0.59
1.5
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
19.3
—
nC
VDS = 30V, ID = 20A
Total Gate Charge (VGS = 10V)
Qg
—
41.3
—
Gate-Source Charge
Qgs
—
6
—
Gate-Drain Charge
Qgd
—
8.8
—
Turn-On Delay Time
tD(ON)
—
5.7
—
ns
VDD = 30V, VGS = 10V,
ID = 20A, RG = 3Ω
Turn-On Rise Time
tR
—
4.3
—
Turn-Off Delay Time
tD(OFF)
—
23.4
—
Turn-Off Fall Time
tF
—
9.7
—
Body Diode Reverse Recovery Time
tRR
—
35.4
—
ns
IF = 20A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
—
38.2
—
nC
Notes:
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
7. Thermal resistance from junction to soldering point (on the exposed drain pad).
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com