công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL062CPSRG4 bảng dữ liệu(PDF) 31 Page - Texas Instruments

tên linh kiện TL062CPSRG4
Giải thích chi tiết về linh kiện  Low-Power JFET-Input Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TL062CPSRG4 bảng dữ liệu(HTML) 31 Page - Texas Instruments

Back Button TL062CPSRG4 Datasheet HTML 27Page - Texas Instruments TL062CPSRG4 Datasheet HTML 28Page - Texas Instruments TL062CPSRG4 Datasheet HTML 29Page - Texas Instruments TL062CPSRG4 Datasheet HTML 30Page - Texas Instruments TL062CPSRG4 Datasheet HTML 31Page - Texas Instruments TL062CPSRG4 Datasheet HTML 32Page - Texas Instruments TL062CPSRG4 Datasheet HTML 33Page - Texas Instruments TL062CPSRG4 Datasheet HTML 34Page - Texas Instruments TL062CPSRG4 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TL064IDR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
TL064IDRG4
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
TL064INSR
SO
NS
14
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
TL064IPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TL061ACDR
SOIC
D
8
2500
340.5
338.1
20.6
TL061CDR
SOIC
D
8
2500
367.0
367.0
35.0
TL061CDR
SOIC
D
8
2500
340.5
338.1
20.6
TL061CPSR
SO
PS
8
2000
367.0
367.0
38.0
TL061IDR
SOIC
D
8
2500
340.5
338.1
20.6
TL061IDR
SOIC
D
8
2500
367.0
367.0
35.0
TL062ACDR
SOIC
D
8
2500
340.5
338.1
20.6
TL062ACPSR
SO
PS
8
2000
367.0
367.0
38.0
TL062BCDR
SOIC
D
8
2500
340.5
338.1
20.6
TL062CDR
SOIC
D
8
2500
340.5
338.1
20.6
TL062CDR
SOIC
D
8
2500
367.0
367.0
35.0
TL062CPWR
TSSOP
PW
8
2000
367.0
367.0
35.0
TL062IDR
SOIC
D
8
2500
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Jan-2015
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52