| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL082ACPSR bảng dữ liệu(PDF) 31 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL082ACPSR bảng dữ liệu(HTML) 31 Page - Texas Instruments |
|
31 / 50 page ![]() Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant TL084BCDR SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 TL084CDR SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 TL084CDR SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 TL084CDRG4 SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 TL084CPWR TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 TL084IDR SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 TL084QDR SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 TL084QDRG4 SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) TL081ACDR SOIC D 8 2500 340.5 338.1 20.6 TL081BCDR SOIC D 8 2500 340.5 338.1 20.6 TL081CDR SOIC D 8 2500 340.5 338.1 20.6 TL081CPSR SO PS 8 2000 367.0 367.0 38.0 TL081IDR SOIC D 8 2500 340.5 338.1 20.6 TL082ACDR SOIC D 8 2500 367.0 367.0 35.0 TL082ACDR SOIC D 8 2500 340.5 338.1 20.6 TL082ACPSR SO PS 8 2000 367.0 367.0 38.0 TL082BCDR SOIC D 8 2500 340.5 338.1 20.6 PACKAGE MATERIALS INFORMATION www.ti.com 16-Jan-2015 Pack Materials-Page 2 |