| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL082ACDR bảng dữ liệu(PDF) 19 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL082ACDR bảng dữ liệu(HTML) 19 Page - Texas Instruments |
|
19 / 50 page ![]() + RIN RG RF VOUT VIN NC VCC+ IN1 í IN1+ VCC í NC OUT NC RG RIN RF GND VIN VS- GND VS+ GND Run the input traces as far away from the supply lines as possible Only needed for dual-supply operation Place components close to device and to each other to reduce parasitic errors Use low-ESR, ceramic bypass capacitor (or GND for single supply) Ground (GND) plane on another layer VOUT TL081, TL081A, TL081B, TL082, TL082A TL082B, TL084, TL084A, TL084B www.ti.com SLOS081I – FEBRUARY 1977 – REVISED MAY 2015 11.2 Layout Examples Figure 30. Operational Amplifier Board Layout for Noninverting Configuration Figure 31. Operational Amplifier Schematic for Noninverting Configuration Copyright © 1977–2015, Texas Instruments Incorporated Submit Documentation Feedback 19 Product Folder Links: TL081 TL081A TL081B TL082 TL082A TL082B TL084 TL084A TL084B |