| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EMB-Q170B bảng dữ liệu(PDF) 2 Page - AAEON Technology |
|
|
|||||||||||||||||||||||||||||
EMB-Q170B bảng dữ liệu(HTML) 2 Page - AAEON Technology |
|
2 / 2 page ![]() 10-50 www.aaeon.com Note: All specifications are subject to change without notice. Block Diagram Dimension Unit: mm I/O Ports Placement Ordering Information EMB-Q170B Intel® PCH Q170 Intel® Skylake-S LGA1151 CPU Channel A DDR4 SO-DIMM x1 2133/1867MHz DMI (Gen3) Channel B 4 x SATAIII SPI flash GbE LPC 6 Gpbs Intel LAN1 PHY 219LM Intel LAN2_I211AT 4 x USB 3.0/2.0 PCIe Nuvoton NCT6791D PCIe [x4] eDP DP/HDMI Combo LVDS Port B Port C Port D CHASSIS FAN KB/MS COM1 (RS-232/422/485) HW Monitor DIO 8-BIT M.2 M-key SATA III RJ-45 RJ-45 TPM 1.2 SLB9635 Line out Mic in DP/HDMI Combo Port E CH7511B DDR4 SO-DIMM x1 2133/1867MHz PCIe (Gen3) AAFP Audio ALC887 Audio AMP Int SPK CPU FAN SPI 6 x USB 2.0 USB 3.0/2.0 USB 2.0 PCIe (Gen3) M.2 E-key USB 2.0 PCIe (Gen3) Watch Dog Launching in Q4 Preliminary • TBD |