| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM324AM/NOPB bảng dữ liệu(PDF) 25 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM324AM/NOPB bảng dữ liệu(HTML) 25 Page - Texas Instruments |
|
25 / 34 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 19-Mar-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM124AJ/PB ACTIVE CDIP J 14 25 TBD Call TI Call TI LM124AJ LM124J/PB ACTIVE CDIP J 14 25 TBD Call TI Call TI LM124J LM224J ACTIVE CDIP J 14 25 TBD Call TI Call TI -25 to 85 LM224J LM2902M NRND SOIC D 14 55 TBD Call TI Call TI -40 to 85 LM2902M LM2902M/NOPB ACTIVE SOIC D 14 55 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LM2902M LM2902MT NRND TSSOP PW 14 94 TBD Call TI Call TI -40 to 85 LM290 2MT LM2902MT/NOPB ACTIVE TSSOP PW 14 94 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LM290 2MT LM2902MTX/NOPB ACTIVE TSSOP PW 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LM290 2MT LM2902MX NRND SOIC D 14 2500 TBD Call TI Call TI -40 to 85 LM2902M LM2902MX/NOPB ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LM2902M LM2902N/NOPB ACTIVE PDIP NFF 14 25 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 85 LM2902N LM324AM NRND SOIC D 14 55 TBD Call TI Call TI 0 to 70 LM324AM LM324AM/NOPB ACTIVE SOIC D 14 55 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 70 LM324AM LM324AMX NRND SOIC D 14 2500 TBD Call TI Call TI 0 to 70 LM324AM LM324AMX/NOPB ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 70 LM324AM LM324AN/NOPB ACTIVE PDIP NFF 14 25 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM 0 to 70 LM324AN LM324J ACTIVE CDIP J 14 25 TBD Call TI Call TI 0 to 70 LM324J LM324M NRND SOIC D 14 55 TBD Call TI Call TI 0 to 70 LM324M LM324M/NOPB ACTIVE SOIC D 14 55 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 70 LM324M LM324MT/NOPB ACTIVE TSSOP PW 14 94 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 70 LM324 MT |