| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV321IDBVT bảng dữ liệu(PDF) 25 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMV321IDBVT bảng dữ liệu(HTML) 25 Page - Texas Instruments |
|
25 / 50 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 16-Nov-2015 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LMV324QDR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LMV324Q LMV324QDRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LMV324Q LMV324QPW ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 MV324Q LMV324QPWG4 ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 MV324Q LMV324QPWR ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 MV324Q LMV324SID OBSOLETE SOIC D 16 TBD Call TI Call TI -40 to 85 LMV324SI LMV324SIDE4 OBSOLETE SOIC D 16 TBD Call TI Call TI -40 to 85 LMV324SIDG4 OBSOLETE SOIC D 16 TBD Call TI Call TI -40 to 85 LMV324SIDR OBSOLETE SOIC D 16 TBD Call TI Call TI -40 to 85 LMV324SI LMV324SIDRE4 OBSOLETE SOIC D 16 TBD Call TI Call TI -40 to 85 LMV324SIDRG4 OBSOLETE SOIC D 16 TBD Call TI Call TI -40 to 85 LMV324SIPWR OBSOLETE TSSOP PW 16 TBD Call TI Call TI -40 to 85 MV324SI LMV324SIPWRE4 OBSOLETE TSSOP PW 16 TBD Call TI Call TI -40 to 85 LMV324SIPWRG4 OBSOLETE TSSOP PW 16 TBD Call TI Call TI -40 to 85 LMV358ID ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 MV358I LMV358IDDUR ACTIVE VSSOP DDU 8 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 RA5R LMV358IDDURG4 ACTIVE VSSOP DDU 8 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 RA5R LMV358IDE4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 MV358I LMV358IDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 MV358I LMV358IDGKR ACTIVE VSSOP DGK 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (R5B ~ R5Q ~ R5R) LMV358IDGKRG4 ACTIVE VSSOP DGK 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (R5B ~ R5Q ~ R5R) LMV358IDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -40 to 125 MV358I |