| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM358AMX bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM358AMX bảng dữ liệu(HTML) 8 Page - Texas Instruments |
|
8 / 36 page ![]() LM158-N, LM258-N, LM2904-N, LM358-N SNOSBT3I – JANUARY 2000 – REVISED DECEMBER 2014 www.ti.com Electrical Characteristics: LM358, LM2904 (continued) V + = +5.0 V, See(1), unless otherwise stated LM358 LM2904 PARAMETER TEST CONDITIONS UNIT MIN TYP MAX MIN TYP MAX Input Common-Mode V+ = 30 V, See(4) (LM2904, V+ = 26 V) 0 V+ −2 0 V+ −2 V Voltage Range Large Signal Voltage Gain V+ = +15 V (VO = 1 V to 11 V) 15 15 V/mV RL ≥ 2 kΩ Output VOH V+ = 30 V RL = 2 kΩ 26 22 V Voltage (LM2904, V+ = 26 V) RL = 10 kΩ 27 28 23 24 V Swing VOL V+ = 5 V, RL = 10 kΩ 5 20 5 100 mV Output Current Source VIN + = 1 V, V IN − = 0 V, 10 20 10 20 mA V+ = 15 V, VO = 2 V Sink VIN − = 1 V, V IN + = 0 V, 5 8 5 8 mA V+ = 15 V, VO = 2 V 8 Submit Documentation Feedback Copyright © 2000–2014, Texas Instruments Incorporated Product Folder Links: LM158-N LM258-N LM2904-N LM358-N |