công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P2041AF-08ST bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện P2041AF-08ST
Giải thích chi tiết về linh kiện  Versatile EMI Reduction IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P2041AF-08ST bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  P2041AF-08ST Datasheet HTML 1Page - ON Semiconductor P2041AF-08ST Datasheet HTML 2Page - ON Semiconductor P2041AF-08ST Datasheet HTML 3Page - ON Semiconductor P2041AF-08ST Datasheet HTML 4Page - ON Semiconductor P2041AF-08ST Datasheet HTML 5Page - ON Semiconductor P2041AF-08ST Datasheet HTML 6Page - ON Semiconductor P2041AF-08ST Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P2041A
http://onsemi.com
2
Figure 1. Block Diagram
ModOUT
PLL
VCO
Output
Divider
VDD
VSS
Loop
Filter
Phase
Detector
Modulation
SR0
SR1 SSON
Crystal
Oscillator
Frequency
Divider
Feedback
Divider
XOUT
XIN
Table 1. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
−0.5 to +7.0
V
TSTG
Storage temperature
−65 to +125
°C
TA
Operating temperature
−40 to +85
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22− A114−B)
2
KV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 2. PIN DESCRIPTION
Pin#
Pin Name
Type
Description
1
XIN / CLK
I
Connect to crystal or externally generated clock signal.
2
XOUT
I
Connect to crystal. No connect if externally generated clock signal is used.
3
SR1
I
Digital logic input used to select Spreading Range (see Table 3).
This pin has an internal pull−up resistor.
4
VSS
P
Ground Connection. Connect to system ground.
5
SSON
I
Digital logic input used to enable Spread Spectrum function (Active Low).
Spread Spectrum function enable when low. This pin has an internal pull−low resistor.
6
ModOUT
O
Spread Spectrum Clock Output.
7
SR0
I
Digital logic input used to select Spreading Range (see Table 3).
This pin has an internal pull−up resistor.
8
VDD
P
Connect to +3.3 V or +5.0 V.



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com