công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F1102EVkitRev5 bảng dữ liệu(PDF) 4 Page - Integrated Device Technology

tên linh kiện F1102EVkitRev5
Giải thích chi tiết về linh kiện  RF to IF Dual Downconverting Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

F1102EVkitRev5 bảng dữ liệu(HTML) 4 Page - Integrated Device Technology

  F1102EVkitRev5 Datasheet HTML 1Page - Integrated Device Technology F1102EVkitRev5 Datasheet HTML 2Page - Integrated Device Technology F1102EVkitRev5 Datasheet HTML 3Page - Integrated Device Technology F1102EVkitRev5 Datasheet HTML 4Page - Integrated Device Technology F1102EVkitRev5 Datasheet HTML 5Page - Integrated Device Technology F1102EVkitRev5 Datasheet HTML 6Page - Integrated Device Technology F1102EVkitRev5 Datasheet HTML 7Page - Integrated Device Technology F1102EVkitRev5 Datasheet HTML 8Page - Integrated Device Technology F1102EVkitRev5 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
RF to IF Dual Downconverting Mixer
400 – 1000 MHz F1102NBGI
IDT Zero-Distortion
TM Mixer
4
RevO, August 2012
DATASHEET
IDTF1102 SPECIFICATION (CONTINUED)
Parameter
Comment
Symbol
min
typ
max
units
NF STD Mode
• LC
MODE = VIH
• EVkit BOM = STD Mode
• F
IF = 200 MHz (High Side Inj.)
NFSTD
9.5
dB
NF LC Mode
• LC
MODE = GND
• EVkit BOM = LC Mode
• F
IF = 200 MHz (High Side Inj.)
NFLC
9.3
dB
NF w/Blocker
-100 MHz offset blocker
PIN = +10 dBm
FIF = 200 MHz
NFBLK
21.7
dB
Output IP3 –
Narrowband
PIN = -10 dBm per tone
800 KHz Tone Separation
FIF = 200 MHz (High Side Inj.)
FRF = 850 MHz
IP3O1
39
2
43
dBm
Output IP3 –
Wideband
PIN = -10 dBm per tone
15 MHz Tone Separation
FIF = 200 MHz (High Side Inj.)
IP3O2
42
dBm
Output IP3 –
LCMODE
PIN = -10 dBm per tone
FIF = 200 MHz (High Side Inj.)
800 KHz Tone Separation
LCMODE = GND
FRF = 915 MHz
IP3O3
33
36
dBm
2RF – 2LO rejection
PRF = -10 dBm
Frequency = FRF + ½ FIF
2x2
-78
dBc
1 dB Compression
Input referred
P1dBI1
11.9
12.5
dBm
1 dB Compression -
LCMODE
Input referred
LCMODE = GND
P1dBI2
9.0
10.2
dBm
Gain Comp. w/blocker
Blocker
unmodulated tone
PIN = +8 dBm, 20 MHz offset
Signal Pin Tone = -20 dBm
Measure ∆G of signal
∆GAC
0.15
dB
Spur: 5RF X -4LO
FLO = 1087.5 MHz
FIF = 190 MHz (High Side Inj.)
Desired FRF = 897.5 MHz
Spur Freq = 908 MHz
Pin = +5 dBm
STD Mode
SPUR1
-97
-89
dBc
Channel Isolation
IF_B Pout vs. IF_A w/ RF_A input
ISOC
45
51
dB
LO to IF leakage
ISOLI
-22
-15
dBm
RF to IF leakage
Pin = -10 dBm
ISORI
-26
-20
dBm
LO to RF leakage
ISOLR
-40
dBm
Notes:
1 – Items in min/max columns in bold italics are Guaranteed by Test
2 – All other Items in min/max columns are Guaranteed by Design Characterization
3 – Normal RF range is 698 – 915 MHz. See Page 25 for modifications for 400 – 500 MHz operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com