| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z87L01 bảng dữ liệu(PDF) 33 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z87L01 bảng dữ liệu(HTML) 33 Page - Zilog, Inc. |
|
33 / 51 page ![]() Z87001/Z87L01 Zilog ROMless Spread Spectrum Cordless Phone Controller DS96WRL0800 P R E L I M I N A R Y 33 1 REGISTER DESCRIPTION The Z87001 DSP core processor has four banks of eight registers mapped in the core processor’s “external regis- ter” space, as summarized in the following table. Table 10. Register Summary BANK ADDRESS REGISTER READ DESCRIPTION WRITE DESCRIPTION TABLE # Bank 3 EXT0 CONFIG1 Clock Dividers, Use Core Bias, SYLE polarity, search window size, Bias Threshold Table 25 EXT1 CONFIG2 Remaining Sleep time ANT0/1 control, Sleep Period Table 26 EXT2 SSPSTATE Stop VP clock, Absent gain, Bias Enable, Tx Enable, Sync Search control, Hop Enable, Frame Start control, Multiplex control, Sleep mode control Table 27 EXT3 SSPSTATUS Frame Counter, Handset/Base, Sync Search control, Frame Start control Table 28 EXT4 GPIO0DIR General-Purpose I/O port 0 direction control Table 29 EXT5 GPIO0DATA General-Purpose I/O port 0 data Table 30 EXT6 GPIO1DIR General-Purpose I/O port 1 direction control Table 31 EXT7 GPIO1DATA General-Purpose I/O port 1 data Table 32 Bank 2 EXT0 VP_INOUT ADPCM Processor Status ADPCM Processor Command Table 33 EXT1 RX_CONTROL SNR estimate UW location Table 34 EXT2 BIAS_ERROR FCW value Table 35 EXT3 RSSI 8-bit ADC data (RSSI) Table 36 EXT4 CORE_BIAS Core Bias data Table 37 EXT5 MOD_PWR_CTRL MOD_PWR control Table 38 EXT6 DEMOD_PWR_CTRL RXSW, RFEON pin control Table 39 EXT7 RFTX_PWR_CTRL PAON pin control Table 40 Bank 1 EXT0 RATE_BUF_ADDR Rate Buffer address Table 41 EXT1 RATE_BUF_DATA Re Rate Buffer data Tx Rate Buffer data, control data Table 42 EXT2 BIT_SYNC Bit Sync monitoring Bit Sync control Table 43 EXT3 RESERVED Table 44 EXT4 RESERVED Table 44 EXT5 RESERVED Table 44 EXT6 CONTROL INT, WAKEUP pin control, 4-bit DAC data (PWLV) Table 45 EXT7 RESERVED Table 46 Bank 0 EXT0 RESERVED Table 47 EXT1 RESERVED Table 47 EXT2 RESERVED Table 47 EXT3 RESERVED Table 47 EXT4 RESERVED Table 47 EXT5 RESERVED Table 47 EXT6 INT_SYM_ERR0 Bit Sync monitoring Table 47 EXT7 RFRX_PWR_CTRL TXSW, RXSW pin control Table 49 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |