công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z86L0408SSC bảng dữ liệu(PDF) 18 Page - Zilog, Inc.

tên linh kiện Z86L0408SSC
Giải thích chi tiết về linh kiện  Z8 8-Bit Cost-Effective Microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L0408SSC bảng dữ liệu(HTML) 18 Page - Zilog, Inc.

Back Button Z86L0408SSC Datasheet HTML 14Page - Zilog, Inc. Z86L0408SSC Datasheet HTML 15Page - Zilog, Inc. Z86L0408SSC Datasheet HTML 16Page - Zilog, Inc. Z86L0408SSC Datasheet HTML 17Page - Zilog, Inc. Z86L0408SSC Datasheet HTML 18Page - Zilog, Inc. Z86L0408SSC Datasheet HTML 19Page - Zilog, Inc. Z86L0408SSC Datasheet HTML 20Page - Zilog, Inc. Z86L0408SSC Datasheet HTML 21Page - Zilog, Inc. Z86L0408SSC Datasheet HTML 22Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Z86L04/L08
Z8 8-Bit Cost-Effective Microcontrollers
Zilog
18
P R E L I M I N A R Y
DS97LVO0901
FUNCTIONAL DESCRIPTION (Continued)
Interrupts. The Z8 has five interrupts from four different
sources. These interrupts are maskable and prioritized
(Figure 15). The sources are divided as follows: the falling
edge of P31 (AN1), P32 (AN2), P33 (REF), the rising edge
of P32 (AN2), and one counter/timer. The Interrupt Mask
Register globally or individually enables or disables the
five interrupt requests (Table 4).
When more than one interrupt is pending, priorities are re-
solved by a programmable priority encoder that is con-
trolled by the Interrupt Priority register. All Z8 interrupts are
vectored through locations in program memory. When an
Interrupt machine cycle is activated, an Interrupt Request
is granted. This disables all subsequent interrupts, saves
the Program Counter and Status Flags, and then branches
to the program memory vector location reserved for that in-
terrupt. This memory location and the next byte contain the
16-bit starting address of the interrupt service routine for
that particular interrupt request.
To accommodate polled interrupt systems, interrupt inputs
are masked and the interrupt request register is polled to
determine which of the interrupt requests needs service.
User must select any Z86E08 mode in Zilog's C12 ICE-
BOX™ emulator. The rising edge interrupt is not directly
supported on the Z86CCP00ZEM emulator.
Table 4. Interrupt Types, Sources, and Vectors
Vector
Name
Source
Location
Comments
IRQ0
AN2(P32)
0,1
External (F)Edge
IRQ1
REF(P33)
2,3
External (F)Edge
IRQ2
AN1(P31)
4,5
External (F)Edge
IRQ3
AN2(P32)
6,7
External (R)Edge
IRQ4
T0
8,9
Internal
IRQ5
T1
10,11
Internal
Note:
F = Falling edge triggered
R = Rising edge triggered
Figure 15. Interrupt Block Diagram
IRQ0 - IRQ5
IRQ
IMR
IPR
Priority
Logic
6
Global
Interrupt
Enable
Vector Select
Interrupt
Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com