công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCS3P623Z05B bảng dữ liệu(PDF) 13 Page - ON Semiconductor

tên linh kiện PCS3P623Z05B
Giải thích chi tiết về linh kiện  Peak EMI Reduction IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3P623Z05B bảng dữ liệu(HTML) 13 Page - ON Semiconductor

Back Button PCS3P623Z05B Datasheet HTML 5Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 6Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 7Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 8Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 9Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 10Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 11Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 12Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
PCS3P623Z05A, PCS3P623Z05B, PCS3P623Z09A, PCS3P623Z09B
http://onsemi.com
13
Table 9. ORDERING INFORMATION
Part Number (Note 15)
Marking (Note 15)
Package Type
Temperature
PCS3P623Z0xyG−08−ST
3P623Z0xyG
8−pin 150−mil SOIC − TUBE, Green
Commercial
PCS3I623Z0xyG−08−ST
3I623Z0xyG
8−pin 150−mil SOIC − TUBE, Green
Industrial
PCS3P623Z0xyG−08−SR
3P623Z0xyG
8−pin 150−mil SOIC − TAPE & REEL, Green
Commercial
PCS3I623Z0xyG−08−SR
3I623Z0xyG
8−pin 150−mil SOIC − TAPE & REEL, Green
Industrial
PCS3P623Z0xyG−08−TT
3P623Z0xyG
8−pin 4.4−mm TSSOP − TUBE, Green
Commercial
PCS3I623Z00xyG−08−TT
3I623Z0xyG
8−pin 4.4−mm TSSOP − TUBE, Green
Industrial
PCS3P623Z0xyG−08−TR
3P623Z0xyG
8−pin 4.4−mm TSSOP − TAPE & REEL, Green
Commercial
PCS3I623Z0xyG−08−TR
3I623Z0xyG
8−pin 4.4−mm TSSOP − TAPE & REEL, Green
Industrial
PCS3P623Z0xyG−16−ST
3P623Z0xyG
16−pin 150−mil SOIC − TUBE, Green
Commercial
PCS3I623Z0xyG−16−ST
3I623Z0xyG
16−pin 150−mil SOIC − TUBE, Green
Industrial
PCS3P623Z0xyG−16−SR
3P623Z0xyG
16−pin 150−mil SOIC − TAPE & REEL, Green
Commercial
PCS3I623Z0xyG−16−SR
3I623Z0xyG
16−pin 150−mil SOIC − TAPE & REEL, Green
Industrial
PCS3P623Z0xyG−16−TT
3P623Z0xyG
16−pin 4.4−mm TSSOP − TUBE, Green
Commercial
PCS3I623Z0xyG−16−TT
3I623Z0xyG
16−pin 4.4−mm TSSOP − TUBE, Green
Industrial
PCS3P623Z0xyG−16−TR
3P623Z0xyG
16−pin 4.4−mm TSSOP − TAPE & REEL, Green
Commercial
PCS3I623Z0xyG−16−TR
3I623Z0xyG
16−pin 4.4−mm TSSOP − TAPE & REEL, Green
Industrial
15.x = 5 / 9; y = A / B
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PCS3P623Z05/D
TIMING SAFE is a trademark of Semiconductor Components Industries, LLC.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13