công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P3P623S00B bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện P3P623S00B
Giải thích chi tiết về linh kiện  Peak EMI Reduction Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P3P623S00B bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  P3P623S00B Datasheet HTML 1Page - ON Semiconductor P3P623S00B Datasheet HTML 2Page - ON Semiconductor P3P623S00B Datasheet HTML 3Page - ON Semiconductor P3P623S00B Datasheet HTML 4Page - ON Semiconductor P3P623S00B Datasheet HTML 5Page - ON Semiconductor P3P623S00B Datasheet HTML 6Page - ON Semiconductor P3P623S00B Datasheet HTML 7Page - ON Semiconductor P3P623S00B Datasheet HTML 8Page - ON Semiconductor P3P623S00B Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2015
February, 2015 − Rev. P3
1
Publication Order Number:
P3P623S00/D
P3P623S00B,
P3P623S00E
Product Preview
Timing-Safe
t Peak EMI
Reduction IC
Functional Description
P3P623S00B/E is a versatile, 3.3 V Zero−delay buffer designed to
distribute Timing−Safe clocks with Peak EMI reduction. P3P623S00B
is an eight−pin version, accepts one reference input and drives out one
low−skew Timing−Safe clock. P3P623S00E accepts one reference
input and drives out eight low−skew Timing−Safe clocks.
P3P623S00B/E has an SS% that selects 2 different Deviation and
associated Input−Output Skew (TSKEW). Refer to the Spread
Spectrum Control and Input−Output Skew table for details.
P3P623S00E has a CLKOUT for adjusting the Input−Output clock
delay, depending upon the value of capacitor connected at this pin to
GND.
P3P623S00B/E operates from a 3.3 V supply and is available in two
different packages, as shown in the ordering information table.
Application
P3P623S00B/E is targeted for use in Displays and memory interface
systems.
General Features
• Clock Distribution with Timing−Safe Peak EMI Reduction
• Input Frequency Range: 20 MHz − 50 MHz
• 2 Different Spread Selection Options
• Spread Spectrum can be Turned ON/OFF
• External Input−Output Delay Control Option
• Supply Voltage: 3.3 V ± 0.3 V
• P3P623S00B: 8 Pin SOIC
P3P623S00E: 16 Pin TSSOP
• The First True Drop−in Solution
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
www.onsemi.com
PIN CONFIGURATION
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
TSSOP−16
CASE 948AN
CLKIN
NC
1
2
3
4
5
6
7
8
GND
SSON
VDD
NC
SS%
CLKOUT
P3P623S00B
2
13
15
16
10
11
12
CLKOUT6
CLKOUT7
CLKOUT4
CLKOUT5
VDD
CLKOUT
DLY_CTRL
GND
SS%
VDD
GND
CLKOUT2
CLKOUT3
CLKOUT1
1
3
4
5
6
7
8
CLKIN
9
SSON
P3P623S00E
14
1
8
SOIC−8 NB
CASE 751


Số phần tương tự - P3P623S00B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A Datasheet
197Kb / 11P
Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
P3P623S05A ONSEMI-P3P623S05A Datasheet
147Kb / 8P
Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
P3P623S05B ONSEMI-P3P623S05B Datasheet
197Kb / 11P
Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
P3P623S05BG-08TR ONSEMI-P3P623S05BG-08TR Datasheet
197Kb / 11P
Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
More results

Mô tả tương tự - P3P623S00B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
P3P85R01A ONSEMI-P3P85R01A Datasheet
141Kb / 8P
LVCMOS TIMING SAFE Peak EMI Reduction Device
May, 2011 ??Rev. 1
P3P76Z11D ONSEMI-P3P76Z11D Datasheet
164Kb / 10P
Peak EMI reduction IC
March, 2011 ??Rev. 0
P3PSL450A ONSEMI-P3PSL450A Datasheet
159Kb / 9P
Peak EMI Reduction IC
July, 2010 ??Rev. 1
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
Peak EMI Reduction IC
August, 2011 ??Rev. P2
P6P82PS01A ONSEMI-P6P82PS01A Datasheet
116Kb / 5P
Peak EMI Reduction Device
August, 2011 ??Rev. 1
P3P8163A ONSEMI-P3P8163A Datasheet
137Kb / 6P
LVCMOS Spread Spectrum Peak EMI Reduction Device
September, 2011 ??Rev. 0
P3P816711A ONSEMI-P3P816711A Datasheet
99Kb / 4P
Spread Spectrum Peak EMI Reduction Device
August, 2011 ??Rev. 0
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
Peak EMI Reduction IC
October, 2014 ??Rev. 2
PCS3P623Z05A ONSEMI-PCS3P623Z05A Datasheet
173Kb / 13P
Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P73Z01AW ONSEMI-PCS3P73Z01AW Datasheet
202Kb / 13P
Peak EMI Reduction IC
August, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com