| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C3574 bảng dữ liệu(PDF) 2 Page - Powerbox |
|
|
|||||||||||||||||||||||||||||
C3574 bảng dữ liệu(HTML) 2 Page - Powerbox |
|
2 / 3 page ![]() Powering Progress – www.powerbox.com.au Doc. No. PBC9 Rev.C 28-4-11 Euro Series EURO OPTION SPECIFICA TIONS OPTIONS INPUT Option “i” (inrush current limiting): A thermistor is connected in series with the input lines which changes its resistance from high to low when it gets hot. It does not reduce the current surge if the input power is interrupted for a short period of time not allowing the thermistor to cool down. Thermistors are fitted as standard to all mains input models except for 1-phase input of models > 2.5kW. Thermistors are available up to 45A. For higher input current an electronic inrush current limitation can be offered. Option “ie” electronic inrush current limiting An electronic circuit limits the inrush current. Option “sd” (series diode): A series diode protects the module against input voltage of wrong polarity (additional power losses). Option “ad” (anti-parallel diode): To avoid the power losses of a series diode a diode is provided with opposite polarity in parallel to the input blowing an internal or external fuse if the module is connected to a supply with wrong polarity. Option “au” (auto-ranging) For standard dual AC input models the range of 115/230Vac is to be selected by connecting the input line to different pins on the connector. With auto-ranging the unit senses the input voltage and provides automatically the correct connection. Option “p” (power fail): A signal (logic or relay) is given if the input voltage (AC or DC) drops below the specified limit. In AC input units we sense the rectified input voltage so that a power fail alarm will not be triggered if at light loads mains power returns before the input capacitors are substantially discharged. Option “r” (relay): A relay instead of a logic signal is provided for failure indication. OUTPUT Option “dd” (decoupling diode): For redundant operation the outputs of two or more units are paralleled behind de-coupling diodes so that an internal fault of one module does not affect the operation of the others. These diodes cause power losses. Option “cs” (active current sharing): An additional control circuit provides active current sharing via an interconnecting wire between converters that operate in parallel. Active current sharing should be used for multi-output units operating in parallel. Option “csi” (current sharing interrupt): Option “csi” will effect the removal of the “cs” signal. Should there be an instance where a unit is not supplying the load, then the effect of its “cs” signal is removed, and the load voltage is unaffected by this condition. Option “h1” (inhibit): A terminal connected to the negative input line also shuts off the converter. This can also be used in conjunction with a thermal trip which shuts the unit down. Option “h2” (inhibit): Operation of the unit is inhibited if a voltage signal (5V/10mA) is applied in reference to the negative line of the (main) output. Option “rco” (reducing current limiting at over temperature) A circuit reduces the current limiting level at higher temperature (to be specified). Option “d” (DC-ok, one output): A logic signal is given if the output voltage (main output in multi-output systems) is below the specified limit. Option “m” (DC-ok, all outputs): In multi-output systems a logic signal is provided if the voltage of any output is below the specified limit. Option “ac” (AC ok) A logic signal connected to relay contacts is given if the output voltage of an inverter is below the specified limit. PROGRAMMING SERIES 200-5800,6600 Of output voltage from 0 to 100% By external signal, 0-10Vdc eu1 By external signal, 4-20mA eu2 By 270° potentiometer eu3 By 10 turn potentiometer eu4 Of output current from 0 to 100% By external signal, 0-10Vdc ei1 By external signal, 4-20mA ei2 By 270° potentiometer ei3 By 10 turn potentiometer ei4 Isolating amplifier for programming iso Programming via interface RS232 or IEEE488 MONITORING SERIES 200-5800,6600 Of output voltage from 0 to 100% By external signal, 0-10Vdc mu1 By external signal, 4-20mA mu2 Of output current from 0 to 100% By external signal, 0-10Vdc mi1 By external signal, 4-20mA mi2 Isolating amplifier for programming iso Programming via interface RS232 or IEEE488 CHARGER PROGRAMMING (ALL SERIES) Temperature compensated charging voltage(sensor not included) tc Temperature sensor Not interchangeable due to fixed resistor values ts1 Interchangeable, IC controlled ts2 Automatic selection of charging characteristic (float / equalize charge) with timer ch1 Additionally: Manual selection of charging characteristic ch2 Additionally: Boost charge operation (manually activated with time delayed return to normal operation) ch3 Option “y” (sys-reset): This logic signal is a combination of power fail and DC-ok as specified for VME systems. Option “r” (relay): A relay instead of a logic signal is provided for failure indication.` PROGRAMMING & MONITORING |