công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NTMFS6B05N bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện NTMFS6B05N
Giải thích chi tiết về linh kiện  Single N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS6B05N bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  NTMFS6B05N Datasheet HTML 1Page - ON Semiconductor NTMFS6B05N Datasheet HTML 2Page - ON Semiconductor NTMFS6B05N Datasheet HTML 3Page - ON Semiconductor NTMFS6B05N Datasheet HTML 4Page - ON Semiconductor NTMFS6B05N Datasheet HTML 5Page - ON Semiconductor NTMFS6B05N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2015
February, 2015 − Rev. 1
1
Publication Order Number:
NTMFS6B05N/D
NTMFS6B05N
Power MOSFET
100 V, 8 m
W, 104 A, Single N−Channel
Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
100
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJC
(Notes 1, 2, 3)
Steady
State
TC = 25°C
ID
104
A
TC = 100°C
66
Power Dissipation
RqJC (Notes 1, 2)
TC = 25°C
PD
138
W
TC = 100°C
56
Continuous Drain
Current RqJA
(Notes 1, 2, 3)
Steady
State
TA = 25°C
ID
16
A
TA = 100°C
10
Power Dissipation
RqJA (Notes 1 & 2)
TA = 25°C
PD
3.3
W
TA = 100°C
1.3
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
370
A
Operating Junction and Storage Temperature
TJ, Tstg
− 55 to
+ 150
°C
Source Current (Body Diode)
IS
130
A
Single Pulse Drain−to−Source Avalanche
Energy (IL(pk) = 50 A)
EAS
125
mJ
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case − Steady State
RqJC
0.9
°C/W
Junction−to−Ambient − Steady State (Note 2)
RqJA
39
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Surface−mounted on FR4 board using a 650 mm2, 2 oz. Cu pad.
3. Maximum current for pulses as long as 1 second is higher but is dependent
on pulse duration and duty cycle.
MARKING
DIAGRAM
www.onsemi.com
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
6B05N
AYWZZ
V(BR)DSS
RDS(ON) MAX
ID MAX
100 V
8 m
W @ 10 V
104 A
G (4)
S (1,2,3)
N−CHANNEL MOSFET
D (5)
S
S
S
G
D
D
D
D
DFN5
(SO−8FL)
CASE 488AA
STYLE 1
1
See detailed ordering, marking and shipping information on
page 5 of this data sheet.
ORDERING INFORMATION


Số phần tương tự - NTMFS6B05N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NTMFS6B03N ONSEMI-NTMFS6B03N Datasheet
82Kb / 6P
Single N-Channel Power MOSFET
February, 2015 ??Rev. 1
NTMFS6B03NT1G ONSEMI-NTMFS6B03NT1G Datasheet
82Kb / 6P
Single N-Channel Power MOSFET
February, 2015 ??Rev. 1
NTMFS6B03NT3G ONSEMI-NTMFS6B03NT3G Datasheet
82Kb / 6P
Single N-Channel Power MOSFET
February, 2015 ??Rev. 1
More results

Mô tả tương tự - NTMFS6B05N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
CPH3448 ONSEMI-CPH3448 Datasheet
709Kb / 5P
Single N-Channel Power MOSFET
July, 2014
MCH6431 ONSEMI-MCH6431 Datasheet
382Kb / 5P
Single N-Channel Power MOSFET
March 2015 - Rev. 3
NTMFS6B03N ONSEMI-NTMFS6B03N Datasheet
82Kb / 6P
Single N-Channel Power MOSFET
February, 2015 ??Rev. 1
NVMFS6B14N ONSEMI-NVMFS6B14N Datasheet
82Kb / 6P
Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
NVTFS4C08N ONSEMI-NVTFS4C08N Datasheet
92Kb / 6P
Single N- Channel Power MOSFET
July, 2014 ??Rev. 1
NTMFS6H800N ONSEMI-NTMFS6H800N Datasheet
141Kb / 6P
MOSFET ??Power, Single, N-Channel
May, 2019 ??Rev. 1
NVTFS6H860NL ONSEMI-NVTFS6H860NL Datasheet
275Kb / 8P
MOSFET - Power, Single N-Channel
November, 2020 ??Rev. 1
NVMFS5C426NL ONSEMI-NVMFS5C426NL Datasheet
186Kb / 7P
MOSFET ??Power, Single N-Channel
September, 2019 ??Rev. 1
NVMFS6H864N ONSEMI-NVMFS6H864N Datasheet
189Kb / 7P
MOSFET - Power, Single N-Channel
June, 2020 ??Rev. 2
NTMFS005N10MCL ONSEMI-NTMFS005N10MCL Datasheet
137Kb / 6P
MOSFET ??Power, Single N-Channel
November, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com