công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MGSF3442XT3 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MGSF3442XT3
Giải thích chi tiết về linh kiện  Small-Signal MOSFETs Single N-Channel Field Effect Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGSF3442XT3 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MGSF3442XT3 Datasheet HTML 1Page - ON Semiconductor MGSF3442XT3 Datasheet HTML 2Page - ON Semiconductor MGSF3442XT3 Datasheet HTML 3Page - ON Semiconductor MGSF3442XT3 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 2
1
Publication Order Number:
MGSF3442XT1/D
MGSF3442XT1
Preliminary Information
Low RDS(on) Small-Signal
MOSFETs Single N-Channel
Field Effect Transistors
These miniature surface mount MOSFETs utilize the High Cell
Density, HDTMOS process. Low rDS(on) assures minimal power loss
and conserves energy, making this device ideal for use in small power
management circuitry. Typical applications are dc−dc converters,
power management in portable and battery−powered products such as
computers, printers, PCMCIA cards, cellular and cordless telephones.
Low RDS(on) Provides Higher Efficiency and Extends Battery Life
Miniature TSOP 6 Surface Mount Package Saves Board Space
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
20
Vdc
Gate−to−Source Voltage − Continuous
VGS
± 8.0
Vdc
Drain Current − Continuous @ TA = 25°C
Drain Current − Pulsed Drain Current (tp
10 μs)
ID
IDM
1.7
20
A
Total Power Dissipation @ TA = 25°C
PD
400
mW
Operating and Storage Temperature Range
TJ, Tstg − 55 to
150
°C
Thermal Resistance − Junction−to−Ambient
RθJA
300
°C/W
Maximum Lead Temperature for Soldering
Purposes, for 10 seconds
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
ORDERING INFORMATION
Device
Reel Size
Tape Width
Quantity
MGSF3442XT1
7″
8 mm embossed tape
3000
MGSF3442XT3
13″
8 mm embossed tape
10,000
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
http://onsemi.com
N−CHANNEL
ENHANCEMENT−MODE
MOSFET
RDS(on) = 58 mΩ (TYP)
CASE 318G−02, Style 1
TSOP 6 PLASTIC
D
D
D
G
D
S
DRAIN
3
GATE
SOURCE
4
6
5
2
1


Số phần tương tự - MGSF3442XT3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MGSF3442XT1 MOTOROLA-MGSF3442XT1 Datasheet
86Kb / 4P
N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
logo
VBsemi Electronics Co.,...
MGSF3442XT1G VBSEMI-MGSF3442XT1G Datasheet
476Kb / 9P
N-Channel 30 V (D-S) MOSFET
More results

Mô tả tương tự - MGSF3442XT3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
J210 PHILIPS-J210 Datasheet
100Kb / 12P
N-channel field-effect transistors
1997 Dec 01
PMBF5484 PHILIPS-PMBF5484 Datasheet
96Kb / 10P
N-channel field-effect transistors
April 1995
PMBFJ210 PHILIPS-PMBFJ210 Datasheet
100Kb / 12P
N-channel field-effect transistors
1997 Dec 01
logo
Motorola, Inc
MMBF2201PT1 MOTOROLA-MMBF2201PT1 Datasheet
132Kb / 6P
LOW RDS SMALL SIGNAL MOSFETS TMOS SINGLE P CHANNEL FIELD EFFECT TRANSISTORS
MGSF3441XT1 MOTOROLA-MGSF3441XT1 Datasheet
94Kb / 4P
Low rDS(on) Small-Signal MOSFETs TMOS Single P-Channel Field Effect Transistors
logo
New Jersey Semi-Conduct...
2N4445 NJSEMI-2N4445 Datasheet
69Kb / 1P
N-Channel Field Effect Transistors
logo
Quanzhou Jinmei Electro...
BFR30-31_2015 JMNIC-BFR30-31_2015 Datasheet
83Kb / 12P
N-channel field-effect transistors
BFR30-31 JMNIC-BFR30-31_15 Datasheet
83Kb / 12P
N-channel field-effect transistors
logo
ON Semiconductor
MGSF3454XT1 ONSEMI-MGSF3454XT1 Datasheet
156Kb / 6P
Small-Signal MOSFETs Single N-Channel Field Effect Transistors
May, 2013 ??Rev. 1
MGSF3455XT1 ONSEMI-MGSF3455XT1 Datasheet
125Kb / 4P
Small-Signal MOSFETs Single P-Channel Field Effect Transistors
May, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com