công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSP085-DACM1 bảng dữ liệu(PDF) 1 Page - FSP TECHNOLOGY INC.

tên linh kiện FSP085-DACM1
Giải thích chi tiết về linh kiện  Low safety ground leakage current
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FSP [FSP TECHNOLOGY INC.]
Trang chủ  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP085-DACM1 bảng dữ liệu(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP085-DACM1 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
This series of AC /DC switching power supplies are for 85
watts of continuous output power. They are enclosed in a
94V-0 rated polyphenylene-oxide case with an IEC 320/C 8
inlet to mate with interchangeable cord for world-wide use.
All models meet EN55011 and FC C class B emission limits,
and are designed for medical applications, not for life-
supporting equipment.
FEATURES
High efficiency
Low safety ground leakage current
Wide input range 90-264 VAC
100% burn-in
Overvoltage protection
Short-circuit protection
Overpower protection
C ompliant with C EC and Energy Star Efficiency level V
requirements
*No load power consumption less than 0.5 W
*Average active efficiency ≧87%
C ompliant with RoHS requirements
C ompliant with IPX1
W ATTAGE
Wattage:
85W
DIMENSION
Dimension:
134.0mm(L) x 58.0mm(W) x
32.0mm(H)
INPUT SPECIFICATION
Input Range:
90-264 Vdc
Input F requency :
47-63 Hz
Input Current:
1.70A(rms) for 115VAC ,
0.90A(rms) for 230VAC
Leakage Current:
100 µA max. @ 264 VAC ,63
Hz
SAFETY STANDARD APPAOVAL
OUTPUT SPECIFICATION
Ripple & Noise:
Maximum excursion of 4% or
better on all models,
recovering to 1% of final
value within 500 us after a
25% step load change
Ov er Current
Protection:
Protected to short circuit
conditions
ENVIRONMENTAL SPECIFICATION
TEMP.Range:
Operating Temperature:0°C to
+60°C
Storage Temperature: -40°C to +
85℃
Humidity :
Operating : 5% to 95% RH, Non-
condensing
OUTPUT ELECTRICAL
Single Output:
24 V/ 3.54 A
NOTES
1. Ripple and noise is maximum peak to peak voltage value measured at output within 20MHz bandwidth, at rated line
voltage and output load ranges, and with a 10 uF tantalum capacitor in parallel with a 0.1uF ceramic capacitor across the
output.
MECHANICAL SPECIFICATION
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
Medical PSU
FSP085-DACM1


Số phần tương tự - FSP085-DACM1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
FSP TECHNOLOGY INC.
FSP085-DBCM1 FSP-FSP085-DBCM1 Datasheet
119Kb / 1P
Low safety ground leakage current
FSP085-DDCM1 FSP-FSP085-DDCM1 Datasheet
119Kb / 1P
Low safety ground leakage current
More results

Mô tả tương tự - FSP085-DACM1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
IK Semicon Co., Ltd
IL7101 IKSEMICON-IL7101 Datasheet
348Kb / 9P
GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
logo
FSP TECHNOLOGY INC.
FSP085-DBCM1 FSP-FSP085-DBCM1 Datasheet
119Kb / 1P
Low safety ground leakage current
FSP085-DDCM1 FSP-FSP085-DDCM1 Datasheet
119Kb / 1P
Low safety ground leakage current
FSP105-KAAM1 FSP-FSP105-KAAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
FSP105-KBAM1 FSP-FSP105-KBAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
FSP105-KEAM1 FSP-FSP105-KEAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
FSP105-KGAM1 FSP-FSP105-KGAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
FSP105-KHAM1 FSP-FSP105-KHAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
FSP105-KKAM1 FSP-FSP105-KKAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
FSP105-KLAM1 FSP-FSP105-KLAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com