| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS464H bảng dữ liệu(PDF) 4 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
CS464H bảng dữ liệu(HTML) 4 Page - ON Semiconductor |
|
4 / 4 page ![]() 4 Package Specification PACKAGE DIMENSIONS IN mm (INCHES) Ordering Information Part Number Description CS464H Flip-Chip CS464YDW16 16 Lead SO Wide CS464YDWR16 16 Lead SO Wide (tape & reel) PACKAGE THERMAL DATA D Lead Count Metric English Max Min Max Min 16 Lead SO Wide 10.50 10.10 .413 .398 Thermal Data 16 Lead SO Wide RΘJC typ 23 °C/W RΘJA typ 105 °C/W Bump Locations, Bump Side Up ON Semiconductor and the ON Logo are trademarks of Semiconductor Components Industries, LLC (SCILLC). ON Semiconductor reserves the right to make changes without further notice to any products herein. For additional infor- mation and the latest available information, please contact your local ON Semiconductor representative. © Semiconductor Components Industries, LLC, 2000 Surface Mount Wide Body (DW); 300 mil wide 1.27 (.050) BSC 7.60 (.299) 7.40 (.291) 10.65 (.419) 10.00 (.394) D 0.32 (.013) 0.23 (.009) 1.27 (.050) 0.40 (.016) REF: JEDEC MS-013 2.49 (.098) 2.24 (.088) 0.51 (.020) 0.33 (.013) 2.65 (.104) 2.35 (.093) 0.30 (.012) 0.10 (.004) .525 ± .05 .0302 MAX 13X .095 ± .045 13X .165 ± .038 1.022 CA MB CR .496 2.39 .356 .431 1.021 1.020 1.022 .279 .382 1.017 2.14 0 0 0 0 CS-464 Flip-Chip CS S OUT IC D VCC Gnd IN- IN+ Test Note: All dimensions in millimeters. Flip-Chip |