công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

100328F bảng dữ liệu(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện 100328F
Giải thích chi tiết về linh kiện  Low Power Octal ECL/TTL Bi-Directional Translator with Latch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

100328F bảng dữ liệu(HTML) 7 Page - National Semiconductor (TI)

Back Button 100328F Datasheet HTML 3Page - National Semiconductor (TI) 100328F Datasheet HTML 4Page - National Semiconductor (TI) 100328F Datasheet HTML 5Page - National Semiconductor (TI) 100328F Datasheet HTML 6Page - National Semiconductor (TI) 100328F Datasheet HTML 7Page - National Semiconductor (TI) 100328F Datasheet HTML 8Page - National Semiconductor (TI) 100328F Datasheet HTML 9Page - National Semiconductor (TI) 100328F Datasheet HTML 10Page - National Semiconductor (TI) 100328F Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Test Circuitry (TTL-to-ECL)
Switching Waveforms (TTL-to-ECL)
DS100295-7
Note 16: Rt =50Ω termination. When an input or output is being monitored by a scope, Rt is supplied by the scope’s 50Ω resistance. When an input or output is
not being monitored, an external 50
Ω resistance must be applied to serve as Rt.
Note 17: TTL and ECL force signals are brought to the DUT via 50
Ω coax lines.
Note 18: VTTL is decoupled to ground with 0.1 µF to ground, VEE is decoupled to ground with 0.01 µF and VCC is connected to ground.
Note 19: For ECL input pins, the equivelent force/sense circuitry is optional.
FIGURE 1. TTL-to-ECL AC Test Circuit
DS100295-9
FIGURE 2. TTL to ECL Transition — Propagation Delay and Transition Times
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12