công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

100304 bảng dữ liệu(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện 100304
Giải thích chi tiết về linh kiện  Low Power Quint AND/NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

100304 bảng dữ liệu(HTML) 4 Page - National Semiconductor (TI)

  100304 Datasheet HTML 1Page - National Semiconductor (TI) 100304 Datasheet HTML 2Page - National Semiconductor (TI) 100304 Datasheet HTML 3Page - National Semiconductor (TI) 100304 Datasheet HTML 4Page - National Semiconductor (TI) 100304 Datasheet HTML 5Page - National Semiconductor (TI) 100304 Datasheet HTML 6Page - National Semiconductor (TI) 100304 Datasheet HTML 7Page - National Semiconductor (TI) 100304 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
V
EE = −4.2V to −5.7V, VCC = VCCA = GND
Symbol
Parameter
T
C = −55˚C
T
C = +25˚C
T
C = +125˚C
Units
Conditions
Notes
Min
Max
Min
Max
Min
Max
t
PLH
Propagation Delay
0.30
1.90
0.40
1.80
0.30
2.30
ns
t
PHL
D
na–Dne to O, O
(Notes 7, 8, 9)
t
PLH
Propagation Delay
0.80
2.90
0.90
2.80
0.90
3.40
ns
Figures 1, 2
t
PHL
Data to F
t
TLH
Transition Time
0.20
1.80
0.30
1.60
0.20
2.00
ns
(Note 10)
t
THL
20% to 80%,80% to 20%
Note 7: F100K 300 Series cold temperature testing is performed by temperature soaking (to guarantee junction temperature equals −55˚C), then testing immediately
after power-up. This provides “cold start” specs which can be considered a worst case condition at cold temperatures.
Note 8: Screen tested 100% on each device at +25˚C temperature only, Subgroup A9.
Note 9: Sample tested (Method 5005, Table I) on each mfg. lot at +25˚C, Subgroup A9, and at +125˚C and −55˚C temperatures, Subgroups A10 and A11.
Note 10: Not tested at +25˚C, +125˚C, and −55˚C temperature (design characterization data).
Test Circuitry
DS100304-5
Notes:
VCC,VCCA = +2V, VEE = −2.5V
L1 and L2 = equal length 50
Ω impedance lines
RT = 50Ω terminator internal to scope
Decoupling 0.1 µF from GND to VCC and VEE
All unused outputs are loaded with 50
Ω to GND
CL = Fixture and stray capacitance ≤ 3pF
FIGURE 1. AC Test Circuit
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com