công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NOIP1SN025KA bảng dữ liệu(PDF) 35 Page - ON Semiconductor

tên linh kiện NOIP1SN025KA
Giải thích chi tiết về linh kiện  Global Shutter CMOS Image Sensors
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIP1SN025KA bảng dữ liệu(HTML) 35 Page - ON Semiconductor

Back Button NOIP1SN025KA Datasheet HTML 31Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 32Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 33Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 34Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 35Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 36Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 37Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 38Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 39Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 87 page
background image
NOIP1SN025KA, NOIP1SN016KA, NOIP1SN012KA, NOIP1SN010KA
www.onsemi.com
35
Table 23. MONITOR SELECT
Monitor Select
Monitor Output
Description
0x0
monitor0: ‘0’
No information is provided on the output pins. All outputs are
driven to logic ‘0’
monitor1: ‘0’
monitor2: ‘0’
0x1
monitor0: Integration time indication
High during integration
monitor1: ROT indication
High when ROT is active, low outside ROT
monitor2: Dummy line indication
High during dummy lines, low during all other lines
0x2
monitor0: Integration time indication
High during integration
monitor1: N/A
N/A
monitor2: N/A
N/A
0x3
monitor0: Start of X-readout
Pulse indicating the start of X-readout
monitor1: Black line indication
High during black lines, low during all other lines
monitor2: Dummy line indication
High during dummy lines, low during all other lines
0x4
monitor0: Frame start
Pulse indicating the start of a new frame
monitor1: Start of ROT
Pulse indicating the start of ROT
monitor2: Start of X-readout
Pulse indicating the start of X-readout
0x5
monitor0: First line indication
High during the first line of each frame, low for all others
monitor1: Start of ROT indication
Pulse indicating the start of ROT
monitor2: ROT inactive
Low when ROT is active, high outside ROT
0x6
monitor0: ROT indication
High when ROT is active, low outside ROT
monitor1: Start of X-readout
Pulse indicating the start of X-readout
monitor2: X-readout inactive
Low during X-readout, high outside X-readout
0x7
monitor0: Start of X-readout for black lines
Pulse indicating the start of X-readout for black lines
monitor1: Start of X-readout for image lines
Pulse indicating the start of X-readout for image lines
monitor2: Start of X-readout for dummy lines
Pulse indicating the start of X-readout for dummy lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87