công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT5160 bảng dữ liệu(PDF) 1 Page - Global Mixed-mode Technology Inc

tên linh kiện AT5160
Giải thích chi tiết về linh kiện  High Efficiency, Constant Current 40V White-LEDs Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GMT [Global Mixed-mode Technology Inc]
Trang chủ  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

AT5160 bảng dữ liệu(HTML) 1 Page - Global Mixed-mode Technology Inc

  AT5160 Datasheet HTML 1Page - Global Mixed-mode Technology Inc AT5160 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ver: 0.4
Jan 17, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
1
AT5160
Global Mixed-mode Technology
High Efficiency, Constant Current 40V White-LEDs
Driver
Feature
Operating Voltage: 2.5V to 5.5V.
High Operating Frequency: 1MHz
High Output Voltage: Up to 40V(Typ.)
Digital Dimming Control.
Built-in Cycle-by Cycle Current-Limiting.
Built-in Soft-Start Function.
0.2V Low Reference Voltage
Thermal Overload Protection
TSOT-23-6 Package
Application
GPS Navigation System
Compact Back Light Module
Constant Current Source
LED Module
Description
The AT5160 step-up converter drives white LEDs with a
constant current to provide backlight in cell phones,
PDAs, and other hand-held devices. It features allowing
series connection of the white LEDs so that the LED
currents are identical for uniform brightness. An enable
input can be pulsed repeatedly to adjust LED’s
brightness. The fast 1.0MHz current-mode PWM control
allows for smaller capacitor and inductor. Fault condition
protection uses cycle-by-cycle current limiting to sense
maximum inductor current, thermal protection and
over-voltage protection. Also included soft-start eliminates
inrush current during start-up. The 0.2V low reference
voltage
minimized
the
power
loss
across
the
current-setting resistor.
The AT5160 is available in TSOT-23-6 packages.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
AT5160TP1U
5160x
-40°C to 85°C
TSOT-23-6
Note: TP: TSOT-23-6
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
Use the tantalum capacitor to eliminate inductor noise on
output terminal when you want to control dimming function.
VIN
EN
OVP
GND
FB
LX
1
2
3
4
5
6
AT5160
TSOT-23-6
VIN
EN
OVP
GND
FB
LX
1
2
3
4
5
6
AT5160
TSOT-23-6


Số phần tương tự - AT5160

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AT516 ETC2-AT516 Datasheet
3Mb / 33P
Accessories Hardware
AT516 ETC-AT516 Datasheet
3Mb / 34P
Accessories Hardware
More results

Mô tả tương tự - AT5160

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Global Mixed-mode Techn...
G5114 GMT-G5114 Datasheet
428Kb / 9P
High Efficiency, Constant Current Output for 8 Series LEDs Driver
logo
Aimtron Technology
AT1312 AIMTRON-AT1312 Datasheet
408Kb / 16P
High Efficiency, Constant Current White-LEDs Driver
AT1313 AIMTRON-AT1313 Datasheet
195Kb / 12P
High Efficiency, Constant Current White-LED Driver
logo
Kingbor Technology Co
KB4313 KINGBOR-KB4313 Datasheet
210Kb / 10P
High Efficiency, Constant Current 12 Watt Boost White-LED Driver
KB4314 KINGBOR-KB4314 Datasheet
150Kb / 9P
High Efficiency, Constant Current 1 Watt Boost White-LED Driver
KB4317 KINGBOR-KB4317 Datasheet
146Kb / 9P
High Efficiency, Constant Current 2 Watt Boost White-LED Driver
logo
Global Mixed-mode Techn...
G2621 GMT-G2621 Datasheet
95Kb / 1P
High Efficiency, Constant Current 40V White-LEDs Driver
G2619 GMT-G2619 Datasheet
109Kb / 1P
High Efficiency, Constant Current 20V White- LEDs Driver
G5126 GMT-G5126 Datasheet
107Kb / 1P
High Efficiency, Constant Current, Boost DC/DC White-LEDs Drive
AT1316A GMT-AT1316A Datasheet
101Kb / 1P
High Efficiency, Constant Current 20V White-LEDs Driver
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com